Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW56LT1 Datasheet (PDF) - Silicon Standard Corp.

BAW56LT1 Datasheet PDF - Silicon Standard Corp.
Part # BAW56LT1
Download  BAW56LT1 Download
File Size   108.85 Kbytes
Page   2 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Switching Diode

BAW56LT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAW56LT1 Datasheet PDF - Silicon Standard Corp.

Part # BAW56LT1
Download  BAW56LT1 Click to download

File Size   108.85 Kbytes
Page   2 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Switching Diode

BAW56LT1 Datasheet (HTML) - Silicon Standard Corp.


BAW56LT1 Product details

FEATURES
■ Power dissipation, PD: 225 mW (TA=25℃)
■ Forward Current, IF: 200 mA
■ Reverse Voltage, VR: 70 V
■ Operating and storage junction temperature
   range: TJ, Tstg: -55℃ to +150℃
■ SOT-23 Plastic-Encapsulate package




Similar Part No. - BAW56LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAW56LT1 MOTOROLA-BAW56LT1 Datasheet
82Kb / 4P
Monolithic Dual Switching Diode Common Anode
logo
Leshan Radio Company
BAW56LT1 LRC-BAW56LT1 Datasheet
54Kb / 2P
Monolithic Dual Switching Diode Common Anode
logo
ON Semiconductor
BAW56LT1 ONSEMI-BAW56LT1 Datasheet
52Kb / 4P
Dual Switching Diode Common Anode
January, 2007 ??Rev. 5
logo
TRANSYS Electronics Lim...
BAW56LT1 TEL-BAW56LT1 Datasheet
59Kb / 1P
Plastic-Encapsulate Diodes
logo
ON Semiconductor
BAW56LT1 ONSEMI-BAW56LT1 Datasheet
129Kb / 4P
Dual Switching Diode Common Anode
August, 2009 ??Rev. 6
More results


Similar Description - BAW56LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com