Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1344449 Datasheet (PDF) - PHOENIX CONTACT

1344449 Datasheet PDF - PHOENIX CONTACT
Part # 1344449
Download  1344449 Download
File Size   537.14 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 1,5-1U6-444/444-7035 - PCB connector

1344449 Datasheet (PDF)

Go To PDF Page Download Datasheet
1344449 Datasheet PDF - PHOENIX CONTACT

Part # 1344449
Download  1344449 Click to download

File Size   537.14 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 1,5-1U6-444/444-7035 - PCB connector

1344449 Datasheet (HTML) - PHOENIX CONTACT


1344449 Product details

PCB connector, nominal cross section: 1.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials:
6, number of rows: 2, number of positions: 6, number of connections: 6, product range: HSCPSP
1,5-.., pitch: 3.45 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 1,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring lever:
yellow




Similar Part No. - 1344449

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1344448 PHOENIX-1344448 Datasheet
537Kb / 12P
HSCP-SP 1,5-1U6-222/222-7035 - PCB connector
More results


Similar Description - 1344449

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
Schottky Barrier Diode Qualified per MIL-PRF-19500/444
logo
PHOENIX CONTACT
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
1849065 PHOENIX-1849065 Datasheet
698Kb / 17P
PCB connector - LPC 1,5/ 4-STF-3,81
Jul 20, 2022
1849117 PHOENIX-1849117 Datasheet
698Kb / 17P
PCB connector - LPC 1,5/ 9-STF-3,81
Jul 20, 2022
1849133 PHOENIX-1849133 Datasheet
668Kb / 16P
PCB connector - LPC 1,5/11-STF-3,81
Jul 20, 2022
1849162 PHOENIX-1849162 Datasheet
594Kb / 13P
PCB connector - LPC 1,5/14-STF-3,81
Jul 20, 2022
1984028 PHOENIX-1984028 Datasheet
469Kb / 12P
PCB connector - PT 1,5/ 3-PVH-3,5
Jul 20, 2022
1863013 PHOENIX-1863013 Datasheet
351Kb / 10P
PCB connector - MCVW 1,5/ 3-STF-3,5
Jan 10, 2023
logo
Radiocrafts AS.
RC17XXHP-RC232 RADIOCRAFTS-RC17XXHP-RC232 Datasheet
640Kb / 19P
Ultra Narrow Band High Power RF Module at 169/433/444/458/463/467/868 MHz
rev. 1.14
logo
PHOENIX CONTACT
1718135 PHOENIX-1718135 Datasheet
239Kb / 8P
QC 1,5/ 4-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com