Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP156 Datasheet (PDF) - DFI Inc

MDP156 Datasheet PDF - DFI Inc
Part # MDP156
Download  MDP156 Download
File Size   491.84 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 15.6" Healthcare Display

MDP156 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDP156 Datasheet PDF - DFI Inc

Part # MDP156
Download  MDP156 Click to download

File Size   491.84 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 15.6" Healthcare Display

MDP156 Datasheet (HTML) - DFI Inc


MDP156 Product details

Features
• 15.6” Enclosure Display
• Display Mode VA Type
• 1920x1080 @60Hz
• Brightness 250 nits (Typ.)
• HDMI / VGA / Audio signal Input
• Response time 25ms
• Viewing Angle 85/85/85/85
• Power DC 12V /3A




Similar Part No. - MDP156

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDP15N075 MGCHIP-MDP15N075 Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 150V, 120A, 7.5m(ohm)
MDP15N075TH MGCHIP-MDP15N075TH Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 150V, 120A, 7.5m(ohm)
logo
Inchange Semiconductor ...
MDP15N075TH ISC-MDP15N075TH Datasheet
303Kb / 2P
isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MDP15N60G MGCHIP-MDP15N60G Datasheet
1Mb / 8P
N-Channel MOSFET 600V, 15A, 0.40(ohm)
MDP15N60G MGCHIP-MDP15N60G Datasheet
1Mb / 8P
N-Channel MOSFET 600V, 15A, 0.40(ohm)
More results


Similar Description - MDP156

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACD-515D AAEON-ACD-515D Datasheet
466Kb / 2P
15.6??WXGA Infotainment Multi-Touch Display
ACD-515R AAEON-ACD-515R Datasheet
323Kb / 2P
15.6??WXGA Infotainment Touch Display With Remote Display Technology
logo
Advantech Co., Ltd.
HIT-R151BR-AMW1E ADVANTECH-HIT-R151BR-AMW1E Datasheet
604Kb / 2P
New Revolutionary 15.6" Healthcare/Hospitality Infotainment Terminals
logo
Laird Tech Smart Techno...
S5703BH7SMF LSTD-S5703BH7SMF Datasheet
332Kb / 1P
Healthcare facilities
logo
Advantech Co., Ltd.
HIT-R151 ADVANTECH-HIT-R151 Datasheet
604Kb / 2P
New Revolutionary 15.6' Healthcare/Hospitality Infotainment Terminals
logo
Weidmuller
2676490000 WEIDMULLER-2676490000 Datasheet
142Kb / 3P
Industrial Panel-PC, Display size 15.6
November 4, 2021
2676500000 WEIDMULLER-2676500000 Datasheet
142Kb / 3P
Industrial Panel-PC, Display size 15.6
November 4, 2021
2676530000 WEIDMULLER-2676530000 Datasheet
143Kb / 3P
Industrial Panel-PC, Display size 15.6
November 4, 2021
2676540000 WEIDMULLER-2676540000 Datasheet
143Kb / 3P
Industrial Panel-PC, Display size 15.6
November 4, 2021
logo
Advantech Co., Ltd.
HIT-W153 ADVANTECH-HIT-W153 Datasheet
941Kb / 2P
Innovative 15.6 Healthcare/Hospitality Information Terminal
12-Mar-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com