Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP156 Datasheet(PDF) 2 Page - DFI Inc

Part # MDP156
Description  15.6" Healthcare Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

MDP156 Datasheet(HTML) 2 Page - DFI Inc

  MDP156 Datasheet HTML 1Page - DFI Inc MDP156 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MDP156
Specifications
DISPLAY AND
TOUCH SCREEN
Size/Type
15.6" TFT
Display
1920*1080 @ 60Hz
Brightness
250 nits (Typ.)
Contrast
700:1
Viewing Angle
-85~85(H); -85~85(V)
Max Colors
16.2M
Touch
Projected Capacitive Touch
I/O PORT
Input ports
1 x VGA
1 x HDMI
1 x Audio
1 x Power
OSD Membrane
Buttons at rear side
Speaker
2 x 2 Watt speaker
COLOR of CASE
White
POWER
Input
DC 12V /3A, < 36 Watt
Consumption
10W typical, normal operation
MECHANICAL
Construction
Sheet Metal
Mounting
VESA Mount 75 x 75
Dimensions (W x H x D) 387.8mm x 232.9mm x 38.45mm
SIZE
15.6"
VIEWING ANGLE
170°/170° (CR>10)
ENVIRONMENT
Operating Temperature 0 to 40°C
LCD panel life time
50,000 hours
CERTIFICATIONS
CE, FCC, RoHS, UL60601
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 12, 2022 DFI Inc.
Packing List
• 1 MDP156 System Unit
• 1 HDMI cable
• 1 40W AC Adaptor
• 1 Power Cord



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com