Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST6380M Datasheet (PDF) - TRANSYS Electronics Limited

FST6380M Datasheet PDF - TRANSYS Electronics Limited
Part # FST6380M
Download  FST6380M Download
File Size   146.44 Kbytes
Page   2 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY DIODES MODULE TYPE 60A

FST6380M Datasheet (PDF)

Go To PDF Page Download Datasheet
FST6380M Datasheet PDF - TRANSYS Electronics Limited

Part # FST6380M
Download  FST6380M Click to download

File Size   146.44 Kbytes
Page   2 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY DIODES MODULE TYPE 60A

FST6380M Datasheet (HTML) - TRANSYS Electronics Limited


FST6380M Product details

Features
    High Surge Capability
    Types Up to 100 V VRRM




Similar Part No. - FST6380M

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST6380M GENESIC-FST6380M Datasheet
553Kb / 3P
Silicon Power Schottky Diode
More results


Similar Description - FST6380M

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FSTI20020 TEL-FSTI20020 Datasheet
119Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
FST6210L TEL-FST6210L Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST6210SL TEL-FST6210SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST6310L TEL-FST6310L Datasheet
147Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST6310SL TEL-FST6310SL Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST6310SM TEL-FST6310SM Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320M TEL-FST7320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
SCHOTTKY DIODES STUD TYPE 60A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com