Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST6380M Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # FST6380M
Description  SCHOTTKY DIODES MODULE TYPE 60A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

FST6380M Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  FST6380M Datasheet HTML 1Page - TRANSYS Electronics Limited FST6380M Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High Surge Capability
Maximum Ratings
Operating Temperature: -40 C to
+125
Storage Temperature: -40 C to
+125
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
60A
TC =105
Peak Forward Surge
Current
IFSM
600A
8.3ms , half sine
Maximum
Instantaneous
Forward Voltage
VF
IR
mA
TJ = 25
TJ =
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼
B
C
.027
D
E
F
G
J
.695
M
.457
N
P
.200
NOM
.240
Types Up to 100 V VRRM
Maximum Thermal
Resistance Junction
To Case
R j c
/W
K
L
2PL
1.180
1.195
.037
.088
1.490
.098
.370
.350
1.510
.715
.065
.151
.115
.015
.260
.135
.477
.085
.161
.025
5.08
29.97
0.69
2.24
8.89
37.85
17.65
6.10
2.92
11.61
1.65
3.84
0.38
NOM
30.35
0.94
2.49
9.40
38.35
18.16
6.60
3.43
12.12
2.16
4.09
0.64
J
J
G
G
D
D
K
K
C
C
FST6310M
FST6340M
FST6315M
FST6320M
FST6330M
FST6335M
FST6345M
FST6360M
FST6380M
FST63100M
10V
15V
20V
30V
35V
40V
45V
60V
80V
100V
10V
14V
21V
25V
28V
32V
42V
15V
20V
30V
35V
40V
45V
60V
56V
70V
100V
80V
10V
7V
m A
3.0
1
1
2
2
3
3
125
500
(Per pkg)
(Per leg)
(Per leg)
(Per leg)
1.2
SCHOTTKY DIODES MODULE TYPE 60A
FST6310M
THRU
FST63100M
MINI MOD
D61-3M
60Amp Rectifier
10-100 Volts
M
M
P
P
E
E
B
B
L
L
F
F
A
A
N
N
33
11
22
0.55V
IFM = 30 A; T = 25
0.75V
0.84V
j
(FST6310M~FST6345M)
(FST6360M)
(FST6380M~FST63100M)
Pulse Test: Pulse Width 300 usec,Duty Cycle
2%
NOTE :
(1)
<
NOTE (1)
Voltage
(Per leg)
Maximum
Instantaneous
Reverse Current At
Rated DC Blocking
NOTE (1)
Transys
Electronics
LI M ITE D


Similar Part No. - FST6380M

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST6380M GENESIC-FST6380M Datasheet
553Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - FST6380M

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FSTI20020 TEL-FSTI20020 Datasheet
119Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
FST6210L TEL-FST6210L Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST6210SL TEL-FST6210SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST6310L TEL-FST6310L Datasheet
147Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST6310SL TEL-FST6310SL Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST6310SM TEL-FST6310SM Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320M TEL-FST7320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
SCHOTTKY DIODES STUD TYPE 60A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com