Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201793 Datasheet (PDF) - PHOENIX CONTACT

2201793 Datasheet PDF - PHOENIX CONTACT
Part # 2201793
Download  2201793 Download
File Size   309.24 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCH 2,5-2U-TT02 9005 - PCB header

2201793 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201793 Datasheet PDF - PHOENIX CONTACT

Part # 2201793
Download  2201793 Click to download

File Size   309.24 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCH 2,5-2U-TT02 9005 - PCB header

2201793 Datasheet (HTML) - PHOENIX CONTACT


2201793 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 4, number
of rows: 2, number of positions: 4, number of connections: 4, product range: HSCH 2,5/..-G,
pitch: 5 mm, mounting: Wave soldering, pin layout: Mixed pinning, solder pin [P]: 3.8 mm,
number of solder pins per potential: 1, plug-in system: HSC 2,5, Pin connector pattern alignment:
Standard, locking: without, mounting method: without, type of packaging: packed in cardboard,
Partially assembled version




Similar Part No. - 2201793

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201790 PHOENIX-2201790 Datasheet
126Kb / 8P
Feed-through header - HSCH 2,5-2U-TTTT 9005
09/12/2020
2201790 PHOENIX-2201790 Datasheet
1Mb / 27P
Component housing
2015-11-27
2201792 PHOENIX-2201792 Datasheet
1Mb / 27P
Component housing
2015-11-27
2201794 PHOENIX-2201794 Datasheet
57Kb / 2P
Available for up to 54-pos. front connection technology
2201795 PHOENIX-2201795 Datasheet
189Kb / 5P
HSC-LR 7U KIT 2003 - Locking
More results


Similar Description - 2201793

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201788 PHOENIX-2201788 Datasheet
123Kb / 8P
Feed-through header - HSCH 2,5-3U/12 9005
2201789 PHOENIX-2201789 Datasheet
124Kb / 8P
Feed-through header - HSCH 2,5-2U/ 8 9005
2202232 PHOENIX-2202232 Datasheet
77Kb / 3P
Printed-circuit board connector - HSCH 1,5-3U/18 9005
2202233 PHOENIX-2202233 Datasheet
103Kb / 3P
Printed-circuit board connector - HSCH 1,5-2U/12 9005
1072486 PHOENIX-1072486 Datasheet
109Kb / 5P
Feed-through header - ICC25-H/4L5,0-9005
10/28/2020
2201790 PHOENIX-2201790 Datasheet
126Kb / 8P
Feed-through header - HSCH 2,5-2U-TTTT 9005
09/12/2020
1766712 PHOENIX-1766712 Datasheet
528Kb / 14P
PCB header - GMSTBVA 2,5/ 7-G
Jan 3, 2023
1766372 PHOENIX-1766372 Datasheet
419Kb / 13P
PCB header - GMSTBA 2,5/ 5-G
1766424 PHOENIX-1766424 Datasheet
419Kb / 13P
PCB header - GMSTBA 2,5/10-G
logo
Keysight Technologies
HSCH-9161 KEYSIGHT-HSCH-9161 Datasheet
603Kb / 5P
HSCH-9161 HSCH-9162 GaAs Detector Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com