Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201795 Datasheet (PDF) - PHOENIX CONTACT

2201795 Datasheet PDF - PHOENIX CONTACT
Part # 2201795
Download  2201795 Download
File Size   189.58 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSC-LR 7U KIT 2003 - Locking

2201795 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201795 Datasheet PDF - PHOENIX CONTACT

Part # 2201795
Download  2201795 Click to download

File Size   189.58 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSC-LR 7U KIT 2003 - Locking

2201795 Datasheet (HTML) - PHOENIX CONTACT


2201795 Product details

DIN rail housing, 7U, Lock and Release system, width: 16.1 mm, height: 89.95 mm, depth: 8.8
mm, color: orange (similar RAL 2003)




Similar Part No. - 2201795

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201790 PHOENIX-2201790 Datasheet
126Kb / 8P
Feed-through header - HSCH 2,5-2U-TTTT 9005
09/12/2020
2201790 PHOENIX-2201790 Datasheet
1Mb / 27P
Component housing
2015-11-27
2201792 PHOENIX-2201792 Datasheet
1Mb / 27P
Component housing
2015-11-27
2201793 PHOENIX-2201793 Datasheet
309Kb / 9P
HSCH 2,5-2U-TT02 9005 - PCB header
2201794 PHOENIX-2201794 Datasheet
57Kb / 2P
Available for up to 54-pos. front connection technology
More results


Similar Description - 2201795

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX013 ETC-FX013 Datasheet
225Kb / 6P
HSC TONE DECODER FOR PAGERS
logo
Bud Industries, Inc.
NBX-10915 BUD-NBX-10915 Datasheet
77Kb / 1P
LOCKING HASP KIT, INTERNAL PANEL HINGED BRACKET KIT
logo
Tyco Electronics
5206514-4 MACOM-5206514-4 Datasheet
46Kb / 1P
LOCKING POST KIT, AMPLIMITE
1652078 MACOM-1652078 Datasheet
128Kb / 1P
HSC 300
logo
List of Unclassifed Man...
EVAL-315-LR ETC2-EVAL-315-LR Datasheet
298Kb / 5P
LR SERIES BASIC EVALUATION KIT USER?셎 GUIDE
logo
Taoglas antenna solutio...
RECE.20449.001E.01 TAOGLAS-RECE.20449.001E.01 Datasheet
255Kb / 7P
Compatible with Murata HSC
logo
PHOENIX CONTACT
2201805 PHOENIX-2201805 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 7U 7035
09/12/2020
logo
Linx Technologies
MAN-EVAL-FFF-LR-UG LINX-MAN-EVAL-FFF-LR-UG Datasheet
1Mb / 16P
LR Series Basic Evaluation Kit
2021
logo
Molex Electronics Ltd.
ATS-622030420 MOLEX-ATS-622030420 Datasheet
157Kb / 3P
iPass HSC Removal Tool
08-28-10
ATS-622030430 MOLEX-ATS-622030430 Datasheet
318Kb / 3P
iPass HSC Removal Tool
08-28-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com