Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS101-Q370 Datasheet (PDF) - DFI Inc

CS101-Q370 Datasheet PDF - DFI Inc
Part # CS101-Q370
Download  CS101-Q370 Download
File Size   1102.53 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX

CS101-Q370 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS101-Q370 Datasheet PDF - DFI Inc

Part # CS101-Q370
Download  CS101-Q370 Click to download

File Size   1102.53 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX

CS101-Q370 Datasheet (HTML) - DFI Inc


CS101-Q370 Product details

Features
• 2 DDR4 2666MHz SODIMM up to 32GB
• Three independent displays:
DP++ +DP++ +HDMI, DP++ +DP++ +LVDS/eDP, DP++
+HDMI+LVDS/eDP
• DP++ resolution supports up to 4096x2304 @ 60Hz
• Multiple Expansions:
1 PCIe x4 Gen 3, 1 Full-size Mini PCIe, 1 M.2 2280 M Key, 1
M.2 2230 E Key
• Storage: 2 SATA 3.0
• Rich I/O: 2 Intel GbE, 4 COM, 4 USB 3.1 Gen 2, 4 USB 2.0




Similar Part No. - CS101-Q370

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS101 FUJITSU-CS101 Datasheet
102Kb / 8P
Standard Cell
CS101 FUJITSU-CS101 Datasheet
88Kb / 12P
Standard Cell
logo
SynQor Worldwide Headqu...
CS101 SYNQOR-CS101 Datasheet
2Mb / 9P
All capacitors are X7R multi-layer ceramic
logo
Lumileds Lighting Compa...
CS101 LUMILEDS-CS101 Datasheet
2Mb / 3P
New Rijksmuseum is largest gallery space ever lit by LEDs
logo
Chip Integration Techno...
CS10100CT-A CITC-CS10100CT-A Datasheet
468Kb / 3P
Super Low Barrier High Voltage Power Rectifier
More results


Similar Description - CS101-Q370

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
WL051 DFI-WL051 Datasheet
877Kb / 2P
8th Gen Intel Core Processor 2.5" Pico-ITX
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
logo
AAEON Technology
MIX-H310A1 AAEON-MIX-H310A1 Datasheet
689Kb / 2P
Mini-ITX with 8th/9th Gen Intel® Core™ Processor Family, Max. 65W TDPs, Giga-LAN x 4
2022/10/31
MIX-Q370A1 AAEON-MIX-Q370A1 Datasheet
670Kb / 2P
Mini-ITX with 8th/9th Gen Intel® Core™ Processor Family, Max. 65W TDPs, Giga-LAN x 4
2022/10/31
logo
BCM Advanced Research.
MX310H BCM-MX310H Datasheet
138Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, ATX-Power
2021/06/11
MX310HD BCM-MX310HD Datasheet
530Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, DC-Power
10/24/2022
MX370QD BCM-MX370QD Datasheet
534Kb / 1P
Intel® Q370 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
04/13/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com