Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS101 Datasheet (PDF) - SynQor Worldwide Headquarters

CS101 Datasheet PDF - SynQor Worldwide Headquarters
Part # CS101
Download  CS101 Download
File Size   2991.51 Kbytes
Page   9 Pages
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters
Description All capacitors are X7R multi-layer ceramic

CS101 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS101 Datasheet PDF - SynQor Worldwide Headquarters

Part # CS101
Download  CS101 Click to download

File Size   2991.51 Kbytes
Page   9 Pages
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters
Description All capacitors are X7R multi-layer ceramic

CS101 Datasheet (HTML) - SynQor Worldwide Headquarters


CS101 Product details

Military COTS DC/DC Converters

The MilQor series of MIL COTS DC/DC converters brings SynQor’s field proven high-efficiency synchronous rectification technology to the Military/Aerospace industry. SynQor’s ruggedized encased packaging approach ensures survivability in demanding environments. Compatible with the industry standard format, these converters operate at a fixed frequency, and follow conservative component derating guidelines. They are designed and manufactured to comply with a wide range of military standards

Operational Features
•  High efficiency, 90% at full rated load current
•  Operating input voltage range: 16-40 V
•  Fixed frequency switching provides predictable EMI
•  No minimum load requirement

Mechanical Features
•  Industry standard quarter-brick pin-out configuration
•  Size: 1.54" x 2.39" x 0.50" (39.0 x 60.6 x 12.7mm)
•  Total weight: 3 oz (85 g)

Control Features
•  On/Off control referenced to input side
•  Remote sense for the output voltage
•  Output voltage trim range of -20%, +10%

Safety Features
•  2250 V, 30 MW input-to-output isolation
• Certified 60950-1 requirements for basic insulation (see Standards and Qualifications page)
• CE Marked
• RoHS compliant

Protection Features
•  Input under-voltage lockout
•  Output current limit and short circuit protection
•  Active back bias limit
•  Output over-voltage protection
•  Thermal shutdown




Similar Part No. - CS101

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS101 FUJITSU-CS101 Datasheet
102Kb / 8P
Standard Cell
CS101 FUJITSU-CS101 Datasheet
88Kb / 12P
Standard Cell
logo
Lumileds Lighting Compa...
CS101 LUMILEDS-CS101 Datasheet
2Mb / 3P
New Rijksmuseum is largest gallery space ever lit by LEDs
logo
DFI Inc
CS101-C246 DFI-CS101-C246 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX
CS101-Q370 DFI-CS101-Q370 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX
More results


Similar Description - CS101

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
logo
Rohm
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
Multi-layer ceramic chip capacitors
logo
SynQor Worldwide Headqu...
IQ040PFQTX30 SYNQOR-IQ040PFQTX30 Datasheet
1Mb / 8P
All capacitors are X7R multi-layer ceramic
IQ080PFQTX20 SYNQOR-IQ080PFQTX20 Datasheet
1Mb / 8P
All capacitors are X7R multi-layer ceramic
IQ200PFQTC10 SYNQOR-IQ200PFQTC10 Datasheet
1Mb / 8P
All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
All capacitors are X7R multi-layer ceramic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com