Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS101 Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # CS101
Description  All capacitors are X7R multi-layer ceramic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

CS101 Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

  CS101 Datasheet HTML 1Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 2Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 3Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 4Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 5Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 6Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 7Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 8Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Product # MCOTS-F-270-P-QT
Phone 1-888-567-9596
Doc.# 005-0005521
Rev. H
10/20/16
Page 6
MCOTS-F-270-P-QT
Current: 4A
2.000
[50,80]
0.300 [7,62]
0.600 [15,24]
SEATING PLANE HEIGHT
0.500 0.025
12,70 0,63
[
]
PIN EXTENSION
0.180
[4,57]
SEE NOTE 6
2.200 [55,88]
2.000 [50,80]
1.536 [39,01]
2.386
[60,60]
2.066
[52,48]
1.300
[33,02]
0.36
[9,1]
0.70
[17,8]
FLANGE THICKNESS
0.125
[3,18]
1
TOP VIEW
1
2
3
4
5
6
0.010 [0,25]
.130 [3,30]
SEE NOTE 1
(6 PLCS)
PIN DESIGNATIONS
Flanged Encased Mechanical Diagram
Pin
Name
Function
1
Vin (+)
Positive input voltage
2
COM IN
Input-side common-mode
3
Vin (-)
Negative input voltage
4
Vout (-)
Negative output voltage
5
COM OUT
Output-side common-mode
6
Vout (+)
Positive output voltage
NOTES
1) APPLIED TORQUE PER 4-40 OR M3 SCREW SHOULD NOT EXCEED 6in-lb
2) PINS 1-3 & 5 ARE 0.040" (1.02mm) DIA. WITH 0.080"
(2.03mm) DIA. STANDOFF SHOULDERS
3) PINS 4 & 6 ARE 0.062" (1.57mm) DIA. WITH 0.100"
(2.54mm) DIA STANDOFF SHOULDERS.
4) ALL PINS: MATERIAL: COPPER ALLOY
FINISH: MATTE TIN OVER NICKEL PLATE
5) UNDIMENSIONED COMPONENTS ARE SHOWN FOR VISUAL
REFERENCE ONLY
6) WEIGHT 3.2oz. (91g)
7) ALL DIMENSIONS IN INCHES(mm)
8) TOLERANCES: X.XXIN +/-0.02 (X.Xmm +/-0.5mm)
X.XXXIN +/-0.010 (X.XXmm +/-0.25mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com