Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M281 Datasheet (PDF) - Solid State Inc

M281 Datasheet PDF - Solid State Inc
Part # M281
Download  M281 Download
File Size   183.99 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low On-Resistance (0.5 ohms MAX)

M281 Datasheet (PDF)

Go To PDF Page Download Datasheet
M281 Datasheet PDF - Solid State Inc

Part # M281
Download  M281 Click to download

File Size   183.99 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low On-Resistance (0.5 ohms MAX)

M281 Datasheet (HTML) - Solid State Inc


M281 Product details

APPLICATIONS
• Automated Test Equipment
• Meter reading systems
• Medical equipment
• Battery Monitoring
• Multiplexers

FEATURES
• Low On-Resistance (0.5 ohms MAX)
• 1A Continuous Load Current
• 60V load voltage rating
• Low input control current (3mA TYP)
• Miniature 4 pin SOP package
• High input-to-output isolation (1.5kV MIN)




Similar Part No. - M281

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M281 SSOUSA-M281 Datasheet
183Kb / 5P
Solid State Relay
More results


Similar Description - M281

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1218 E-SWITCH-EG1218 Datasheet
40Kb / 1P
CONTACT RESISTANCE: 50MILLI-OHMS Max
logo
Advanced Power Electron...
AP6680GM A-POWER-AP6680GM Datasheet
85Kb / 6P
Low On-Resistance, High Vgs Max Rating Voltage
logo
CUI INC
PJ-035C CUI-PJ-035C Datasheet
237Kb / 1P
CONTACT RESISTANCE : 50m OHMS MAX
PJ-035CH CUI-PJ-035CH Datasheet
237Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
PJ-063BH CUI-PJ-063BH Datasheet
22Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
Low On-Resistance (1 ohm MAX)
AD6C541 SSOUSA-AD6C541_15 Datasheet
346Kb / 8P
Low On Resistance (1 Max)
AD6C741 SSOUSA-AD6C741 Datasheet
243Kb / 5P
Low on-resistance (0.17 ohms TYP)
M251 SSOUSA-M251 Datasheet
175Kb / 5P
Low on-resistance (1 ohm MAX)
logo
Union Semiconductor, In...
UM5223 UNIONSEMI-UM5223_16 Datasheet
188Kb / 6P
0.5(ohm) Ultra Low On-Resistance Dual SPDT Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com