Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-035C Datasheet (PDF) - CUI INC

PJ-035C Datasheet PDF - CUI INC
Part # PJ-035C
Download  PJ-035C Download
File Size   237.07 Kbytes
Page   1 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description CONTACT RESISTANCE : 50m OHMS MAX

PJ-035C Datasheet (PDF)

Go To PDF Page Download Datasheet
PJ-035C Datasheet PDF - CUI INC

Part # PJ-035C
Download  PJ-035C Click to download

File Size   237.07 Kbytes
Page   1 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description CONTACT RESISTANCE : 50m OHMS MAX

PJ-035C Datasheet (HTML) - CUI INC




Similar Part No. - PJ-035C

ManufacturerPart #DatasheetDescription
logo
CUI Devices
PJ-035C CUID-PJ-035C Datasheet
361Kb / 3P
DC POWER JACK
04/06/2023
logo
CUI INC
PJ-035CH CUI-PJ-035CH Datasheet
237Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
More results


Similar Description - PJ-035C

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1218 E-SWITCH-EG1218 Datasheet
40Kb / 1P
CONTACT RESISTANCE: 50MILLI-OHMS Max
logo
CUI INC
PD-40 CUI-PD-40 Datasheet
26Kb / 1P
RATING 20V DC 7.5A CONTACT RESISTANCE : 30m OHMS MAX
PJ-042 CUI-PJ-042 Datasheet
252Kb / 1P
SPECIFICATIONS: RATING : 16V DC 2.5A CONTACT RESISTANCE : 50m OHMS MAX
PJ-035CH CUI-PJ-035CH Datasheet
237Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
PJ-063BH CUI-PJ-063BH Datasheet
22Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
logo
E-SWITCH
K100300 E-SWITCH-K100300 Datasheet
187Kb / 1P
Contact Resistance : 10m-OHMS
K200102 E-SWITCH-K200102 Datasheet
33Kb / 1P
Contact Resistance : 10m-OHMS
K200137 E-SWITCH-K200137 Datasheet
66Kb / 1P
Contact Resistance : 10m-OHMS
K200139 E-SWITCH-K200139 Datasheet
66Kb / 1P
Contact Resistance : 10m-OHMS
logo
CUI INC
PDP-30 CUI-PDP-30 Datasheet
111Kb / 4P
INSULATION RESISTANCE: 50M OHMS MIN: 250V DC
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com