Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-40 Datasheet (PDF) - CUI INC

PD-40 Datasheet PDF - CUI INC
Part # PD-40
Download  PD-40 Download
File Size   26.25 Kbytes
Page   1 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description RATING 20V DC 7.5A CONTACT RESISTANCE : 30m OHMS MAX

PD-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD-40 Datasheet PDF - CUI INC

Part # PD-40
Download  PD-40 Click to download

File Size   26.25 Kbytes
Page   1 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description RATING 20V DC 7.5A CONTACT RESISTANCE : 30m OHMS MAX

PD-40 Datasheet (HTML) - CUI INC




Similar Part No. - PD-40

ManufacturerPart #DatasheetDescription
logo
CUI INC
PD-40 CUI-PD-40 Datasheet
26Kb / 1P
4-PIN POWER DIN JACK, RIGHT ANGLE, NOSHIELDING
logo
CUI Devices
PD-40 CUID-PD-40 Datasheet
356Kb / 3P
POWER DIN JACK
02/18/2022
logo
Merrimac Industries, In...
PD-40-100 MERRIMAC-PD-40-100 Datasheet
74Kb / 1P
0 POWER DIVIDERS/COMBINERS
PD-40-250 MERRIMAC-PD-40-250 Datasheet
74Kb / 1P
0 POWER DIVIDERS/COMBINERS
logo
CUI INC
PD-40S CUI-PD-40S Datasheet
40Kb / 1P
0.2mm UNLESS OTHERWISE SPECIFIED
More results


Similar Description - PD-40

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P021301 E-SWITCH-P021301 Datasheet
75Kb / 1P
TL3340AF160QG - RATING: 12VDC, 50mA, CONTACT RESISTANCE: 500 MILLI OHMS MAX ,
200USP1T1A1M2RE E-SWITCH-200USP1T1A1M2RE Datasheet
144Kb / 3P
Electrical Rating: 0.4VA, 20V Max. (AC or DC)
EG1218 E-SWITCH-EG1218 Datasheet
40Kb / 1P
CONTACT RESISTANCE: 50MILLI-OHMS Max
logo
CUI INC
PJ-042 CUI-PJ-042 Datasheet
252Kb / 1P
SPECIFICATIONS: RATING : 16V DC 2.5A CONTACT RESISTANCE : 50m OHMS MAX
PJ-035C CUI-PJ-035C Datasheet
237Kb / 1P
CONTACT RESISTANCE : 50m OHMS MAX
PJ-035CH CUI-PJ-035CH Datasheet
237Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
PJ-063BH CUI-PJ-063BH Datasheet
22Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
logo
E-SWITCH
ST711055 E-SWITCH-ST711055 Datasheet
113Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711057 E-SWITCH-ST711057 Datasheet
115Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711059 E-SWITCH-ST711059 Datasheet
130Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com