Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-40 Datasheet(PDF) 1 Page - CUI INC

Part # PD-40
Description  RATING 20V DC 7.5A CONTACT RESISTANCE : 30m OHMS MAX
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PD-40 Datasheet(HTML) 1 Page - CUI INC

  PD-40 Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14.65 0.577
(2 PLCS)
5.5 0.217
7.5 0.295
(2 PLCS)
5.8 0.228
5.0 0.197
1.7 0.067
(2 PLCS)
5.0 0.197
11.0 0.433
(2 PLCS)
7.0 0.276
5.0 0.197
5.8 0.228
5.5 0.217
7.5 0.295
(TYP)
11.0 0.433
(TYP)
14.65 0.577
(TYP)
9.0 0.354
3
2.2X1.0
PCB LAYOUT
0.6X2.5
TOP VIEW
(4 PLCS)
21
4
REV.
DESCRIPTION
DATE
A
NEW DRAWING
11/19/2008
B
update to tolerance
9/8/2009
RoHS
Website: www.cui.com
CONTACT RESISTANCE: 30m OHMS MAX
WITHDRAWAL FORCE: 0.5 - 6.0KG
VOLTAGE WITHSTAND: 250V AC R.M.S. FOR 1 MINUTE
TERMINALS 1-4
B
MATERIAL
EARTH TERMINAL
HOUSING
INSULATION RESISTANCE: 50M OHMS MIN: 250V DC
INSERTION FORCE: 6.0KG MAX
Tin
TOLERANCE:
SPECIFIED
Brass
±0.2mm UNLESS OTHERWISE
Tin
PLATING
PBT
LIFE: 1,000 CYCLES
SPECIFICATIONS:
RATING: 20V DC@ 7.5A
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Brass
SCALE:
PART NO.
PD-40
ZRJ
NO SHIELDING
COPYRIGHT 2008 BY CUI INC.
TITLE:
MM [INCHES]
3:1
PD-40
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
4-PIN POWER DIN JACK, RIGHT ANGLE,
REV:
3
12
4
0.591
0.591
15.0
0.126
(TYP)
0.551
14.0
15.0
13.0 0.512
3.2
1.8 0.071
17.0 0.669
0.157
4.0
0.118
3.0
2.0 0.079
(TYP)


Similar Part No. - PD-40

ManufacturerPart #DatasheetDescription
logo
CUI INC
PD-40 CUI-PD-40 Datasheet
26Kb / 1P
4-PIN POWER DIN JACK, RIGHT ANGLE, NOSHIELDING
logo
CUI Devices
PD-40 CUID-PD-40 Datasheet
356Kb / 3P
POWER DIN JACK
02/18/2022
logo
Merrimac Industries, In...
PD-40-100 MERRIMAC-PD-40-100 Datasheet
74Kb / 1P
0 POWER DIVIDERS/COMBINERS
PD-40-250 MERRIMAC-PD-40-250 Datasheet
74Kb / 1P
0 POWER DIVIDERS/COMBINERS
logo
CUI INC
PD-40S CUI-PD-40S Datasheet
40Kb / 1P
0.2mm UNLESS OTHERWISE SPECIFIED
More results

Similar Description - PD-40

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P021301 E-SWITCH-P021301 Datasheet
75Kb / 1P
TL3340AF160QG - RATING: 12VDC, 50mA, CONTACT RESISTANCE: 500 MILLI OHMS MAX ,
200USP1T1A1M2RE E-SWITCH-200USP1T1A1M2RE Datasheet
144Kb / 3P
Electrical Rating: 0.4VA, 20V Max. (AC or DC)
EG1218 E-SWITCH-EG1218 Datasheet
40Kb / 1P
CONTACT RESISTANCE: 50MILLI-OHMS Max
logo
CUI INC
PJ-042 CUI-PJ-042 Datasheet
252Kb / 1P
SPECIFICATIONS: RATING : 16V DC 2.5A CONTACT RESISTANCE : 50m OHMS MAX
PJ-035C CUI-PJ-035C Datasheet
237Kb / 1P
CONTACT RESISTANCE : 50m OHMS MAX
PJ-035CH CUI-PJ-035CH Datasheet
237Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
PJ-063BH CUI-PJ-063BH Datasheet
22Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
logo
E-SWITCH
ST711055 E-SWITCH-ST711055 Datasheet
113Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711057 E-SWITCH-ST711057 Datasheet
115Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711059 E-SWITCH-ST711059 Datasheet
130Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com