Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2890153 Datasheet (PDF) - PHOENIX CONTACT

2890153 Datasheet PDF - PHOENIX CONTACT
Part # 2890153
Download  2890153 Download
File Size   184.61 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX B-17,5 BU - Filler plug

2890153 Datasheet (PDF)

Go To PDF Page Download Datasheet
2890153 Datasheet PDF - PHOENIX CONTACT

Part # 2890153
Download  2890153 Click to download

File Size   184.61 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX B-17,5 BU - Filler plug

2890153 Datasheet (HTML) - PHOENIX CONTACT


2890153 Product details

DIN rail housing, Filler plug for unoccupied terminal points, width: 15 mm, height: 21.6 mm,
depth: 8.1 mm, color: blue (similar RAL 5015)




Similar Part No. - 2890153

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2890108 PHOENIX-2890108 Datasheet
60Kb / 3P
Optional bus connector that is either integrated or mounted on the DIN rail
2890124 PHOENIX-2890124 Datasheet
50Kb / 2P
Electronic housing - ME BUS 22,5 MC 5-ST KMGY
11/05/2018
2890140 PHOENIX-2890140 Datasheet
1Mb / 8P
ME MAX 35 2-2 BU - Electronics housing
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2890179 PHOENIX-2890179 Datasheet
47Kb / 3P
Complete housing, Cross connection: DIN rail bus connector, Color: light gray, Width: 45 mm, Constructional height: 114.5 mm, Number of positions cross connector: 5
More results


Similar Description - 2890153

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200384 PHOENIX-2200384 Datasheet
80Kb / 3P
Headers for ME/ME MAX electronics housing
2201731 PHOENIX-2201731 Datasheet
44Kb / 2P
Electronic housing - ME 17,5 TBUS 1,5/4P1S KMGY
2201757 PHOENIX-2201757 Datasheet
62Kb / 2P
DIN rail bus connectors - ME 17,5 TBUS ADAPTER KMGY
2319919 PHOENIX-2319919 Datasheet
65Kb / 3P
Interference filter - ME-MAX-NEF/QUINT20A
2709561 PHOENIX-2709561 Datasheet
151Kb / 4P
Electronic housing - ME 17,5 TBUS 1,5/ 5-ST-3,81 GN
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2706302 PHOENIX-2706302 Datasheet
58Kb / 3P
Cover - ME B-KA KMGY
09/11/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
2278940 PHOENIX-2278940 Datasheet
199Kb / 10P
Upper part of housing - ME 17,5 OTU-MKDSO KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com