Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2890179 Datasheet (PDF) - PHOENIX CONTACT

2890179 Datasheet PDF - PHOENIX CONTACT
Part # 2890179
Download  2890179 Download
File Size   47.73 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Complete housing, Cross connection: DIN rail bus connector, Color: light gray, Width: 45 mm, Constructional height: 114.5 mm, Number of positions cross connector: 5

2890179 Datasheet (PDF)

Go To PDF Page Download Datasheet
2890179 Datasheet PDF - PHOENIX CONTACT

Part # 2890179
Download  2890179 Click to download

File Size   47.73 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Complete housing, Cross connection: DIN rail bus connector, Color: light gray, Width: 45 mm, Constructional height: 114.5 mm, Number of positions cross connector: 5

2890179 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2890179

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2890108 PHOENIX-2890108 Datasheet
60Kb / 3P
Optional bus connector that is either integrated or mounted on the DIN rail
2890124 PHOENIX-2890124 Datasheet
50Kb / 2P
Electronic housing - ME BUS 22,5 MC 5-ST KMGY
11/05/2018
2890140 PHOENIX-2890140 Datasheet
1Mb / 8P
ME MAX 35 2-2 BU - Electronics housing
2890153 PHOENIX-2890153 Datasheet
184Kb / 5P
ME MAX B-17,5 BU - Filler plug
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
More results


Similar Description - 2890179

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714765 PHOENIX-1714765 Datasheet
64Kb / 2P
PCB connector, number of positions: 32, pitch: 6.35 mm, color: light gray, contact surface: Tin
3190124 PHOENIX-3190124 Datasheet
48Kb / 2P
Connector housing, Number of positions: 1, Color: gray
2202630 PHOENIX-2202630 Datasheet
54Kb / 2P
Component housing, length: 109.8 mm, Cover, color: light gray, width: 18.9 mm, height: 12.2 mm
2202634 PHOENIX-2202634 Datasheet
54Kb / 2P
Component housing, length: 87.8 mm, Cover, color: light gray, width: 18.9 mm, height: 12.2 mm
2707495 PHOENIX-2707495 Datasheet
50Kb / 3P
Component housing, Color: black, Width: 22.5 mm, Constructional height: 38.5 mm
2854775 PHOENIX-2854775 Datasheet
66Kb / 5P
Component housing, Upper part, Color: light gray, Width: 12.5 mm, Constructional height: 38.5 mm
2901482 PHOENIX-2901482 Datasheet
55Kb / 2P
Component housing, length: 99 mm, Lower part, Cross connection: without bus connector, color: blue, width: 12.5 mm, height: 114.5 mm
2907114 PHOENIX-2907114 Datasheet
51Kb / 3P
Component housing with vents, Lower part, Cross connection: without bus connector, Color: green, Width: 22.5 mm, Constructional height: 114.5 mm
2713645 PHOENIX-2713645 Datasheet
67Kb / 3P
DIN rail connector, nominal current: 8 A, number of positions: 5, pitch: 3.81 mm, color: light gray
2854429 PHOENIX-2854429 Datasheet
55Kb / 2P
Component housing, length: 99 mm, Upper part, color: light gray, width: 45 mm, height: 38.5 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com