Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2907114 Datasheet (PDF) - PHOENIX CONTACT

2907114 Datasheet PDF - PHOENIX CONTACT
Part # 2907114
Download  2907114 Download
File Size   51.27 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Component housing with vents, Lower part, Cross connection: without bus connector, Color: green, Width: 22.5 mm, Constructional height: 114.5 mm

2907114 Datasheet (PDF)

Go To PDF Page Download Datasheet
2907114 Datasheet PDF - PHOENIX CONTACT

Part # 2907114
Download  2907114 Click to download

File Size   51.27 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Component housing with vents, Lower part, Cross connection: without bus connector, Color: green, Width: 22.5 mm, Constructional height: 114.5 mm

2907114 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2907114

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907101 PHOENIX-2907101 Datasheet
150Kb / 9P
Lower part of housing,fully assembled, with integrated functional earth ground contact, (housing closed) and metal foot catch.
2907127 PHOENIX-2907127 Datasheet
310Kb / 8P
ME 22,5 UTG GN - Mounting base housing
2907130 PHOENIX-2907130 Datasheet
150Kb / 9P
Lower part of housing, fully assembled, with metal foot catch.
2907143 PHOENIX-2907143 Datasheet
54Kb / 2P
Filler plugs, for unoccupied terminal points
2907156 PHOENIX-2907156 Datasheet
47Kb / 2P
Filler plugs, for unoccupied terminal points
More results


Similar Description - 2907114

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200917 PHOENIX-2200917 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
2200935 PHOENIX-2200935 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
2202618 PHOENIX-2202618 Datasheet
56Kb / 2P
Component housing, length: 120.6 mm, Lower part, color: light gray, width: 37.6 mm, height: 57.7 mm
2202620 PHOENIX-2202620 Datasheet
57Kb / 2P
Component housing, length: 120.6 mm, Lower part, color: light gray, width: 75.9 mm, height: 57.7 mm
2202664 PHOENIX-2202664 Datasheet
57Kb / 2P
Component housing, length: 120.6 mm, Lower part, color: light gray, width: 75.9 mm, height: 57.7 mm
2278966 PHOENIX-2278966 Datasheet
77Kb / 6P
Component housing, Upper part, Color: green, Width: 22.5 mm, Constructional height: 38.5 mm
2707495 PHOENIX-2707495 Datasheet
50Kb / 3P
Component housing, Color: black, Width: 22.5 mm, Constructional height: 38.5 mm
2854775 PHOENIX-2854775 Datasheet
66Kb / 5P
Component housing, Upper part, Color: light gray, Width: 12.5 mm, Constructional height: 38.5 mm
2890179 PHOENIX-2890179 Datasheet
47Kb / 3P
Complete housing, Cross connection: DIN rail bus connector, Color: light gray, Width: 45 mm, Constructional height: 114.5 mm, Number of positions cross connector: 5
2901482 PHOENIX-2901482 Datasheet
55Kb / 2P
Component housing, length: 99 mm, Lower part, Cross connection: without bus connector, color: blue, width: 12.5 mm, height: 114.5 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com