Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

824014 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

824014 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # 824014
Download  824014 Download
File Size   4225.17 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance TVS Diode Array

824014 Datasheet (PDF)

Go To PDF Page Download Datasheet
824014 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # 824014
Download  824014 Click to download

File Size   4225.17 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance TVS Diode Array

824014 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


824014 Product details

Features |
o Low operating voltage: 5 |
« Ultra low capacitance: 0.3pF typical (VO to /0)
o Ultra low leakage: nA level |
» Low clamping voltage |
-IEC 61000-4-2 (ESD) immunity test |
Air discharge: +25kV

Contact discharge: +20kV |
-IEC61000-4-4 (EFT) 40A (5/50ns) |
-IEC61000-4-5Lightning):4.0A(8/20pss)
« These are Pb-Free Devices |
« Response Time is Typically < 1 ns




Similar Part No. - 824014

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824014 WURTH-824014 Datasheet
242Kb / 5P
TVS Diode Array WE-TVS
82401444 WURTH-82401444 Datasheet
242Kb / 5P
TVS Diode Array WE-TVS
824014881 WURTH-824014881 Datasheet
505Kb / 8P
WE-TVS TVS Diode ??Super Speed Series
824014883 WURTH-824014883 Datasheet
506Kb / 8P
WE-TVS TVS Diode ??Super Speed Series
824014885 WURTH-824014885 Datasheet
505Kb / 8P
WE-TVS TVS Diode ??Super Speed Series
More results


Similar Description - 824014

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLLLC05 PANJIT-PJDLLLC05 Datasheet
316Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1007 TOREX-XBP1007_12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1001-12 TOREX-XBP1001-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1002-12 TOREX-XBP1002-12 Datasheet
165Kb / 5P
Low Capacitance TVS Diode Array
XBP1006-12 TOREX-XBP1006-12 Datasheet
182Kb / 5P
Low Capacitance TVS Diode Array
XBP1007-12 TOREX-XBP1007-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
LOW CAPACITANCE TVS DIODE ARRAY
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
Low Capacitance TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com