Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGU9A2 Datasheet (PDF) - DFI Inc

TGU9A2 Datasheet PDF - DFI Inc
Part # TGU9A2
Download  TGU9A2 Download
File Size   607.6 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 11th Gen Intel® Processor COM Express® Mini

TGU9A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGU9A2 Datasheet PDF - DFI Inc

Part # TGU9A2
Download  TGU9A2 Click to download

File Size   607.6 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 11th Gen Intel® Processor COM Express® Mini

TGU9A2 Datasheet (HTML) - DFI Inc


TGU9A2 Product details

Features
• Single Channel LPDDR4X 4266MHz Memory Down up to 16GB
• Two independent displays: DDI + eDP
• DP++ supports 4K x 2K resolution
• Multiple expansion: 1 PCIe x4, 1 I2C, 1 SMBus
• Rich I/O: 1 Intel GbE, 2 USB 3.2, 8 USB 2.0




Similar Part No. - TGU9A2

ManufacturerPart #DatasheetDescription
logo
DFI Inc
TGU968 DFI-TGU968 Datasheet
877Kb / 2P
11th Gen Intel® Processor COM Express® Compact
TGU968-BS0-1145G7E DFI-TGU968-BS0-1145G7E Datasheet
877Kb / 2P
11th Gen Intel® Processor COM Express® Compact
TGU968-BS0-6305E DFI-TGU968-BS0-6305E Datasheet
877Kb / 2P
11th Gen Intel® Processor COM Express® Compact
TGU968-TS0-1115GRE DFI-TGU968-TS0-1115GRE Datasheet
877Kb / 2P
11th Gen Intel® Processor COM Express® Compact
TGU968-TS6-1185GRE DFI-TGU968-TS6-1185GRE Datasheet
877Kb / 2P
11th Gen Intel® Processor COM Express® Compact
More results


Similar Description - TGU9A2

ManufacturerPart #DatasheetDescription
logo
DFI Inc
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
SOM-5993 ADVANTECH-SOM-5993 Datasheet
473Kb / 2P
Intel® Xeon® D Processor (Code Name: Ice Lake-D LCC) COM Express® Basic Type7
28-Jul-2022
SOM-6883 ADVANTECH-SOM-6883 Datasheet
4Mb / 6P
11th Gen. Intel® Core™ Processor U-Series (Code Name: Tiger Lake-UP3) COM Express® Compact Type6
29-Jul-2022
SOM-7583 ADVANTECH-SOM-7583 Datasheet
434Kb / 2P
11th Gen. Intel® Core™ Processor U-Series (Code Name: Tiger Lake-UP3) COM Express® Mini Type 10
12-Apr-2022
logo
AAEON Technology
COM-TGHB6 AAEON-COM-TGHB6 Datasheet
486Kb / 2P
COM Express Type 6 with 11th Generation Intel® Xeon/Core™ Processor Family
2022/11/11
NANOCOM-EHL AAEON-NANOCOM-EHL Datasheet
587Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel Atom®/Celeron®/Pentium®Processor
2023/03/22
NANOCOM-TGU AAEON-NANOCOM-TGU Datasheet
416Kb / 2P
COM Express Type 10 with 11th Generation Intel® Core™ Processor
2022/12/05
logo
BCM Advanced Research.
EPC-TGU BCM-EPC-TGU Datasheet
979Kb / 2P
Compact Fanless System, 11th Gen Intel® Tiger Lake UP3 Processor onboard
03/29/2023
ESM-APLM BCM-ESM-APLM Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
ESM-TGH BCM-ESM-TGH Datasheet
497Kb / 2P
PICMG COM R3.0 Type 6 module, 11th Gen Intel® Xeon/ Core™ BGA Processor
02/02/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com