Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-TGH Datasheet (PDF) - BCM Advanced Research.

ESM-TGH Datasheet PDF - BCM Advanced Research.
Part # ESM-TGH
Download  ESM-TGH Download
File Size   497.74 Kbytes
Page   2 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description PICMG COM R3.0 Type 6 module, 11th Gen Intel® Xeon/ Core™ BGA Processor

ESM-TGH Datasheet (PDF)

Go To PDF Page Download Datasheet
ESM-TGH Datasheet PDF - BCM Advanced Research.

Part # ESM-TGH
Download  ESM-TGH Click to download

File Size   497.74 Kbytes
Page   2 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description PICMG COM R3.0 Type 6 module, 11th Gen Intel® Xeon/ Core™ BGA Processor

ESM-TGH Datasheet (HTML) - BCM Advanced Research.


ESM-TGH Product details

Features
• PICMG COM R3.0 Type 6 module with 10nm 11th Generation Intel® Xeon™
W-11865MRE/W-11155MRE (ECC), Core™ i7/i5/i3 BGA Processors • 3 x SODIMM sockets support DDR4 3200 up to 96GB • Gen 12 Intel® UHD Graphics (Xe Architecture), media, and display up to
32EU • Flexible I/O support: 4 x SATA III (6.0GB/s), 4 x USB 3.2 Gen 2x1 (10Gbp/s),
8 x USB 2.0, 8-bit GPIO • 1 Gen4 PEG x16, 8 x PCIe x1 • Intel® Ethernet Controller I225-LM (2.5GbE) • 9V~19V Wide Range Voltage Input • TPM 2.0




Similar Part No. - ESM-TGH

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESM-075S105DX INVENTRONICS-ESM-075S105DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075S150DX INVENTRONICS-ESM-075S150DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075S210DX INVENTRONICS-ESM-075S210DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075SXXXDX INVENTRONICS-ESM-075SXXXDX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
logo
Vecow Co., Ltd.
ESM-100 VECOW-ESM-100 Datasheet
260Kb / 1P
SUMIT Expansion Card with 3 Mini PCIe Slot, 3 SIM Socket, 1 USB 2.0, -25째C to 70째C
More results


Similar Description - ESM-TGH

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM500 AXIOMTEK-CEM500_17 Datasheet
307Kb / 1P
COM Express Type 6 Module with Intel Xeon and 6th Gen Intel짰 Core i7/i5/i3 Processor
logo
Advantech Co., Ltd.
SOM-5992 ADVANTECH-SOM-5992 Datasheet
1Mb / 2P
Intel Xeon Processor D-1500 COM Express R3.0 Type 7 Module
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Advantech Co., Ltd.
SOM-5897 ADVANTECH-SOM-5897_V01 Datasheet
636Kb / 2P
6th Gen Intel Xeon/Core/Celeron Processors COM Express Basic Module Type 6
18-Aug-2020
SOM-5899 ADVANTECH-SOM-5899 Datasheet
531Kb / 3P
9th/8thGen Intel® Xeon®/Core™ Processors COM Express Basic Module Type 6
18-May-2022
SOM-7583 ADVANTECH-SOM-7583 Datasheet
434Kb / 2P
11th Gen. Intel® Core™ Processor U-Series (Code Name: Tiger Lake-UP3) COM Express® Mini Type 10
12-Apr-2022
logo
AAEON Technology
COM-TGHB6 AAEON-COM-TGHB6 Datasheet
486Kb / 2P
COM Express Type 6 with 11th Generation Intel® Xeon/Core™ Processor Family
2022/11/11
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
NANOCOM-TGU AAEON-NANOCOM-TGU Datasheet
416Kb / 2P
COM Express Type 10 with 11th Generation Intel® Core™ Processor
2022/12/05
logo
BCM Advanced Research.
ESM-CFH BCM-ESM-CFH Datasheet
814Kb / 2P
PICMG COM R3.0 Type 6 module, Intel® 9th/8th Gen Xeon®/ Core™ i7/i5/i3 Processors with CM246/QM370 Chipset
02/08/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com