Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-CFH Datasheet (PDF) - BCM Advanced Research.

ESM-CFH Datasheet PDF - BCM Advanced Research.
Part # ESM-CFH
Download  ESM-CFH Download
File Size   814.6 Kbytes
Page   2 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description PICMG COM R3.0 Type 6 module, Intel® 9th/8th Gen Xeon®/ Core™ i7/i5/i3 Processors with CM246/QM370 Chipset

ESM-CFH Datasheet (PDF)

Go To PDF Page Download Datasheet
ESM-CFH Datasheet PDF - BCM Advanced Research.

Part # ESM-CFH
Download  ESM-CFH Click to download

File Size   814.6 Kbytes
Page   2 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description PICMG COM R3.0 Type 6 module, Intel® 9th/8th Gen Xeon®/ Core™ i7/i5/i3 Processors with CM246/QM370 Chipset

ESM-CFH Datasheet (HTML) - BCM Advanced Research.


ESM-CFH Product details

Features
• PICMG COM R3.0 Type 6 module with 9th/8th Generation Intel®
Xeon®/Core™ i7 / i5 / i3 Processors • Up to 3 x 260-pin DDR4 non-ECC/ECC 2400/2133 SODIMM with up
to 96 GB • Dual-channel 18/24-bit LVDS, VGA, DP++/HDMI/DVI, optional eDP • Flexible I/O support with 4 x USB3.2 Gen.2, 8 x USB 2.0, Gen3 PEG
x16, 8 x PCIe x1 & 4 x SATA III • Intel® I219LM Gigabit Ethernet PHY • 9V~19V Wide Range Voltage Input • TPM 2.0 • AMT 12.0 support




Similar Part No. - ESM-CFH

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESM-075S105DX INVENTRONICS-ESM-075S105DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075S150DX INVENTRONICS-ESM-075S150DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075S210DX INVENTRONICS-ESM-075S210DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075SXXXDX INVENTRONICS-ESM-075SXXXDX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
logo
Vecow Co., Ltd.
ESM-100 VECOW-ESM-100 Datasheet
260Kb / 1P
SUMIT Expansion Card with 3 Mini PCIe Slot, 3 SIM Socket, 1 USB 2.0, -25째C to 70째C
More results


Similar Description - ESM-CFH

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DPX-M1270 ADVANTECH-DPX-M1270 Datasheet
1Mb / 2P
Intel® 8th & 9th Generation Core™-i7/i5/i3 Embedded Multi-media Gaming System
22-Jan-2020
DPX-M270 ADVANTECH-DPX-M270 Datasheet
1Mb / 2P
Intel® 8th & 9th Generation Core™-i7/i5/i3 Embedded Multi-media Gaming Board
20-Jan-2020
SOM-5899 ADVANTECH-SOM-5899 Datasheet
531Kb / 3P
9th/8thGen Intel® Xeon®/Core™ Processors COM Express Basic Module Type 6
18-May-2022
logo
AAEON Technology
COM-CFHB6 AAEON-COM-CFHB6 Datasheet
503Kb / 2P
COM Express Type 6 Basic Size with 8th/9th Generation Intel® Core™ H-Series / Xeon™ Processors
2022/09/01
PCM-CFS AAEON-PCM-CFS Datasheet
483Kb / 2P
Compact Board with 8th/9th Generation Intel® Core™ i7/i5/i3 and Celeron® Processor (socket type)
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
ECM-KBLH BCM-ECM-KBLH Datasheet
382Kb / 1P
7th Gen Intel® Core ™ Processor i7/i5/i3 3.5”Micro Module with Intel® QM175 Chipset
2022/02/24
ECM-SKLH BCM-ECM-SKLH Datasheet
344Kb / 1P
6th Gen Intel®Core ™ Processor i7/i5/i3 3.5”Micro Module with Intel® QM170 Chipset
ESM-KBLH BCM-ESM-KBLH Datasheet
407Kb / 1P
7th Gen Intel Core™ Processors i7/i5/i3 Type6 COMe Basic Module with Intel® QM175 Chipset
2021/02/12
ESM-TGH BCM-ESM-TGH Datasheet
497Kb / 2P
PICMG COM R3.0 Type 6 module, 11th Gen Intel® Xeon/ Core™ BGA Processor
02/02/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com