Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD0502L Datasheet (PDF) - TECH PUBLIC Electronics co LTD

ESD0502L Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # ESD0502L
Download  ESD0502L Download
File Size   1370.37 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line Ultra Low Capacitance TVS Diode

ESD0502L Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD0502L Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # ESD0502L
Download  ESD0502L Click to download

File Size   1370.37 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line Ultra Low Capacitance TVS Diode

ESD0502L Datasheet (HTML) - TECH PUBLIC Electronics co LTD


ESD0502L Product details

Features

+ Ultra small package: 1.0x0.6x0.5mm
«Ultra low capacitance: 0.3pF typical (1/0-1/0)
+ Ultra low leakage: nA level
+ Low operating voltage: 5V
«Low clamping voltage
+ 3-pinleadless package
+ Upto 24ine protects |
+ Complies with following standards:
~ IEC 61000-4-2 (ESD) immunity test

Air discharge: +20kV

Contact discharge: +20kV

—~ IEC61000-4-5 (Lightning) 4A (8/20)

~ IEC61000-4-4 (EFT) 40A (5/50ns)
«RoHS Compliant |




Similar Part No. - ESD0502L

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ESD0502B3E WEITRON-ESD0502B3E Datasheet
643Kb / 3P
2-Line TVS Array
logo
Socay Electornics Co., ...
ESD0502V23T-2A SOCAY-ESD0502V23T-2A Datasheet
172Kb / 3P
Transient Voltage Suppressors Array for ESD Protection
ESD0502V23T-2A SOCAY-ESD0502V23T-2A Datasheet
171Kb / 3P
Transient Voltage Suppressors Array for ESD Protection
logo
UN Semiconducctor INC
ESD0502V23T-2A UNSEMI-ESD0502V23T-2A Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Socay Electornics Co., ...
ESD0502V23T-2C SOCAY-ESD0502V23T-2C Datasheet
172Kb / 3P
Transient Voltage Suppressors Array for ESD Protection
More results


Similar Description - ESD0502L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8811 AOSMD-AOZ8811 Datasheet
338Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
logo
Applied Power Microelec...
AR0502P1 APMICRO-AR0502P1 Datasheet
707Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
AR0502P6 APMICRO-AR0502P6 Datasheet
636Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
AR0502S1 APMICRO-AR0502S1 Datasheet
766Kb / 5P
2-Line Ultra-Low Capacitance TVS Diode Array
AR0502S2 APMICRO-AR0502S2 Datasheet
784Kb / 5P
2-Line Ultra Low Capacitance TVS Diode
AR0502S5 APMICRO-AR0502S5 Datasheet
798Kb / 5P
2-Line Ultra Low Capacitance TVS Diode Array
AR0532P6 APMICRO-AR0532P6 Datasheet
718Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
logo
Shanghai Leiditech Elec...
ULC0542T LEIDITECH-ULC0542T Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode Array
RCLAMP3382P LEIDITECH-RCLAMP3382P Datasheet
2Mb / 5P
2-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2018
RCLAMP0522P LEIDITECH-RCLAMP0522P Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com