Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED200FLWHP Datasheet (PDF) - Timeguard

LED200FLWHP Datasheet PDF - Timeguard
Part # LED200FLWHP
Download  LED200FLWHP Download
File Size   347.82 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 17W LED Compact Floodlight Twin FloodWhite

LED200FLWHP Datasheet (PDF)

Go To PDF Page Download Datasheet
LED200FLWHP Datasheet PDF - Timeguard

Part # LED200FLWHP
Download  LED200FLWHP Click to download

File Size   347.82 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 17W LED Compact Floodlight Twin FloodWhite

LED200FLWHP Datasheet (HTML) - Timeguard


LED200FLWHP Product details

Features & Benefits
2x 8.5W Powerful LED compact twin floodight.
2x 1000 lumen bright white light.
Pan and tilt light aiming adjustment (per head).
Opal Diffuser for a even light distribution.
Rear & bottom cable entry.
Full polycarbonate lightweight housing.
Back box or wall mountable.
New intergrated Samsung SMD chipsets for added
reliability and efficient heat dissipation.
IP55 Weatherproof rating.




Similar Part No. - LED200FLWHP

ManufacturerPart #DatasheetDescription
logo
Timeguard
LED200FLBP TIMEGUARD-LED200FLBP Datasheet
349Kb / 3P
17W LED Compact Floodlight Twin Flood – Black
13/02/2025
More results


Similar Description - LED200FLWHP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5423MUV ROHM-BD5423MUV Datasheet
485Kb / 17P
17W17W Class-D Speaker Amplifier for Analog Input
logo
A-BRIGHT Inc
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K_15 Datasheet
222Kb / 4P
LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K_15 Datasheet
222Kb / 4P
LED Flood Light
logo
Molex Electronics Ltd.
1301100042 MOLEX11-1301100042 Datasheet
28Kb / 1P
Super-Safeway 500W Twin Halogen Floodlight Stanchion Mount with GFCI Outlet Box and Switch
1301100043 MOLEX11-1301100043 Datasheet
28Kb / 1P
Super-Safeway 500W Twin Halogen Floodlight Stanchion Mount with Switch
logo
List of Unclassifed Man...
BD49 ETC-BD49 Datasheet
346Kb / 2P
Outdoor floodlight - Warm white LED - integrated dimmable DALI power supply - Flood optic
2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com