Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED200FLWHP Datasheet(PDF) 1 Page - Timeguard

Part # LED200FLWHP
Description  17W LED Compact Floodlight Twin Flood – White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LED200FLWHP Datasheet(HTML) 1 Page - Timeguard

  LED200FLWHP Datasheet HTML 1Page - Timeguard LED200FLWHP Datasheet HTML 2Page - Timeguard LED200FLWHP Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Beam Angle
Pan & Tilt Adjustment
Energy Efficiency
Energy Usage
LED200FLWHP
17W LED Compact Floodlight
Twin Flood – White
Features & Benefits
2x 8.5W Powerful LED compact twin floodight.
2x 1000 lumen bright white light.
Pan and tilt light aiming adjustment (per head).
Opal Diffuser for a even light distribution.
Rear & bottom cable entry.
Full polycarbonate lightweight housing.
Back box or wall mountable.
New intergrated Samsung SMD chipsets for
added
reliability and efficient heat dissipation.
IP55 Weatherproof rating.
Technical Data
230V AC
50Hz
Surface Mount
Class II
-20°C to 50°C
IP55
17
98° x 98° (Per Head)
Pan Left 40°, Pan Right 40°
Class D
17KwH/1000H
Data sheet
LED200FLWHP
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025


Similar Part No. - LED200FLWHP

ManufacturerPart #DatasheetDescription
logo
Timeguard
LED200FLBP TIMEGUARD-LED200FLBP Datasheet
349Kb / 3P
17W LED Compact Floodlight Twin Flood – Black
13/02/2025
More results

Similar Description - LED200FLWHP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5423MUV ROHM-BD5423MUV Datasheet
485Kb / 17P
17W17W Class-D Speaker Amplifier for Analog Input
logo
A-BRIGHT Inc
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K_15 Datasheet
222Kb / 4P
LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K_15 Datasheet
222Kb / 4P
LED Flood Light
logo
Molex Electronics Ltd.
1301100042 MOLEX11-1301100042 Datasheet
28Kb / 1P
Super-Safeway 500W Twin Halogen Floodlight Stanchion Mount with GFCI Outlet Box and Switch
1301100043 MOLEX11-1301100043 Datasheet
28Kb / 1P
Super-Safeway 500W Twin Halogen Floodlight Stanchion Mount with Switch
logo
List of Unclassifed Man...
BD49 ETC-BD49 Datasheet
346Kb / 2P
Outdoor floodlight - Warm white LED - integrated dimmable DALI power supply - Flood optic
2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com