Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDBHO25W Datasheet (PDF) - Timeguard

LEDBHO25W Datasheet PDF - Timeguard
Part # LEDBHO25W
Download  LEDBHO25W Download
File Size   433.44 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 25W – 2000lm LED Energy Saver Bulkhead Light – Oval

LEDBHO25W Datasheet (PDF)

Go To PDF Page Download Datasheet
LEDBHO25W Datasheet PDF - Timeguard

Part # LEDBHO25W
Download  LEDBHO25W Click to download

File Size   433.44 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 25W – 2000lm LED Energy Saver Bulkhead Light – Oval

LEDBHO25W Datasheet (HTML) - Timeguard


LEDBHO25W Product details

Features & Benefits
A powerful and energy saving alternative to standard bulkhead lights
Wide light diffusion pattern
Robust die cast housing with tough polycarbonate lens suitable for industrial, commercial and home installations
IP65 weatherproof rating




Similar Part No. - LEDBHO25W

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDBHO25WPIR TIMEGUARD-LEDBHO25WPIR Datasheet
440Kb / 3P
25W - 2000lm LED Energy Saver PIR Buhead Light
14/02/2025
More results


Similar Description - LEDBHO25W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
BATTERY SAVER
GSCC-7.007BS-E
logo
SunLED Corporation
LMDG08W SUNLED-LMDG08W Datasheet
183Kb / 4P
OVAL LED LAMP
logo
HB Electronic Component...
774MY8T-S HB-774MY8T-S Datasheet
141Kb / 4P
Oval LED
logo
Marktech Corporate
C4SMK MARKTECH-C4SMK_15 Datasheet
605Kb / 9P
Oval LED
logo
Glenair, Inc.
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
Quelighting Corp
FIN-RBW-50 QUELIGHTING-FIN-RBW-50 Datasheet
651Kb / 1P
Grow LED Light - Ultra thin for Container farming : 25W or 50W
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com