Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDBHO25W Datasheet(PDF) 1 Page - Timeguard

Part # LEDBHO25W
Description  25W – 2000lm LED Energy Saver Bulkhead Light – Oval
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDBHO25W Datasheet(HTML) 1 Page - Timeguard

  LEDBHO25W Datasheet HTML 1Page - Timeguard LEDBHO25W Datasheet HTML 2Page - Timeguard LEDBHO25W Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Beam Angle
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LED Type
LEDBHO25W
25W – 2000lm LED Energy
Saver Bulkhead Light – Oval
Features & Benefits
A powerful and energy saving alternative to
standard bulkhead lights
Wide light diffusion pattern
Robust die cast housing with tough polycarbonate
lens suitable for industrial, commercial and home
installations
IP65 weatherproof rating
Technical Data
230V AC
50Hz
Surface Mount
Class I
-10°C to +40°C
IP65
25
120°
Class G
26.5KwH/1000H
2000
80 lm/W
5000
SMD (On LED Plate)
Data sheet
LEDBHO25W
Light / LED Bulkheads
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDBHO25W

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDBHO25WPIR TIMEGUARD-LEDBHO25WPIR Datasheet
440Kb / 3P
25W - 2000lm LED Energy Saver PIR Buhead Light
14/02/2025
More results

Similar Description - LEDBHO25W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
BATTERY SAVER
GSCC-7.007BS-E
logo
SunLED Corporation
LMDG08W SUNLED-LMDG08W Datasheet
183Kb / 4P
OVAL LED LAMP
logo
HB Electronic Component...
774MY8T-S HB-774MY8T-S Datasheet
141Kb / 4P
Oval LED
logo
Marktech Corporate
C4SMK MARKTECH-C4SMK_15 Datasheet
605Kb / 9P
Oval LED
logo
Glenair, Inc.
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
Quelighting Corp
FIN-RBW-50 QUELIGHTING-FIN-RBW-50 Datasheet
651Kb / 1P
Grow LED Light - Ultra thin for Container farming : 25W or 50W
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com