Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F-40 Datasheet (PDF) - TRANSYS Electronics Limited

16F-40 Datasheet PDF - TRANSYS Electronics Limited
Part # 16F-40
Download  16F-40 Download
File Size   161.0 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description STANDARD RECOVERY DIODE

16F-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
16F-40 Datasheet PDF - TRANSYS Electronics Limited

Part # 16F-40
Download  16F-40 Click to download

File Size   161.0 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description STANDARD RECOVERY DIODE

16F-40 Datasheet (HTML) - TRANSYS Electronics Limited


16F-40 Product details

STANDARD RECOVERY DIODE

VRRM = 100-1200V, IF(AV) = 16A ,VF = 1.23 Volt.




Similar Part No. - 16F-40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16F IRF-16F Datasheet
71Kb / 6P
STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
336Kb / 8P
6,12 and 16 Amp Diffused Silicon Rectifier Diodes
logo
Vishay Siliconix
16F VISHAY-16F Datasheet
141Kb / 6P
Standard Recovery Diodes (Stud Version), 16 A
29-Sep-08
logo
Naina Semiconductor ltd...
16F NAINA-16F Datasheet
81Kb / 1P
16AMP SILICON POWER DIODE
logo
Vishay Siliconix
16F VISHAY-16F Datasheet
154Kb / 7P
Standard Recovery Diodes (Stud Version), 6 A
29-Sep-08
More results


Similar Description - 16F-40

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DDA20 NI-10DDA20_15 Datasheet
138Kb / 1P
Standard Recovery Diode
10EDA10 NI-10EDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA10 NI-10JDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA20 NI-10JDA20_15 Datasheet
137Kb / 1P
Standard Recovery Diode
20KDA20 NI-20KDA20_15 Datasheet
145Kb / 1P
Standard Recovery Diode
20KDA60 NI-20KDA60_15 Datasheet
145Kb / 1P
Standard Recovery Diode
30PDA10 NI-30PDA10_15 Datasheet
145Kb / 1P
Standard Recovery Diode
30PDA40 NI-30PDA40_15 Datasheet
145Kb / 1P
Standard Recovery Diode
logo
Insel Rectifier India P...
DS2012SF IRI-DS2012SF Datasheet
464Kb / 5P
STANDARD RECOVERY DIODE
DS2002SD IRI-DS2002SD Datasheet
423Kb / 5P
STANDARD RECOVERY DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com