Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F Datasheet (PDF) - Vishay Siliconix

16F Datasheet PDF - Vishay Siliconix
Part # 16F
Download  16F Download
File Size   154.51 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 6 A

16F Datasheet (PDF)

Go To PDF Page Download Datasheet
16F Datasheet PDF - Vishay Siliconix

Part # 16F
Download  16F Click to download

File Size   154.51 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 6 A

16F Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 16F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16F IRF-16F Datasheet
71Kb / 6P
STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
336Kb / 8P
6,12 and 16 Amp Diffused Silicon Rectifier Diodes
logo
Vishay Siliconix
16F VISHAY-16F Datasheet
141Kb / 6P
Standard Recovery Diodes (Stud Version), 16 A
29-Sep-08
logo
Naina Semiconductor ltd...
16F NAINA-16F Datasheet
81Kb / 1P
16AMP SILICON POWER DIODE
logo
New Jersey Semi-Conduct...
16F NJSEMI-16F Datasheet
219Kb / 4P
STANDARD RECOVERY DIODES
More results


Similar Description - 16F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6FR VISHAY-6FR_08 Datasheet
129Kb / 6P
Standard Recovery Diodes (Stud Version), 6 A
29-Sep-08
6FR VISHAY-6FR_12 Datasheet
142Kb / 7P
Standard Recovery Diodes (Stud Version), 6 A
29-Sep-08
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
30-May-16
VS-6F VISHAY-VS-6F Datasheet
154Kb / 6P
Standard Recovery Diodes(Stud Version), 6 A
16-Nov-15
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-6FR VISHAY-VS-6FR Datasheet
154Kb / 6P
Standard Recovery Diodes (Stud Version), 6 A
16-Nov-15
VS-SD500N VISHAY-VS-SD500N Datasheet
152Kb / 7P
Standard Recovery Diodes, (Stud Version), 475 A
10-Oct-2019
VS-6FR VISHAY-VS-6FR_V01 Datasheet
154Kb / 6P
Standard Recovery Diodes, (Stud Version), 6 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com