Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 16F
Description  Standard Recovery Diodes (Stud Version), 6 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16F Datasheet(HTML) 4 Page - Vishay Siliconix

  16F Datasheet HTML 1Page - Vishay Siliconix 16F Datasheet HTML 2Page - Vishay Siliconix 16F Datasheet HTML 3Page - Vishay Siliconix 16F Datasheet HTML 4Page - Vishay Siliconix 16F Datasheet HTML 5Page - Vishay Siliconix 16F Datasheet HTML 6Page - Vishay Siliconix 16F Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93491
4
Revision: 29-Sep-08
16F(R) Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 16 A
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
025
50
75
100
Maximum Allowable Ambient Temperature (°C)
10 K/W
15 K/W
R
=
4 K
/W
- D
elta
R
thS
A
6 K
/W
8 K/W
20 K/W
30 K/W
0
5
10
15
20
25
0
5
10
15
20
25
30
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Period
16F(R) Series
T = 175°C
J
125
150
175
200
225
250
275
300
325
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
16F(R) Series
Initial T = 175°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
125
150
175
200
225
250
275
300
325
350
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
16F(R) Series
Initial T = 175°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J
1
10
100
1000
01
23
45
6
T = 25°C
J
Instantaneous Forward Voltage (V)
16F(R) Series
T = 175°C
J
0.1
1
10
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
16F(R) Series
Steady State Value
R
= 1.6 K/W
(DC Operation)
thJC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com