Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 16F
Description  Standard Recovery Diodes (Stud Version), 6 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16F Datasheet(HTML) 2 Page - Vishay Siliconix

  16F Datasheet HTML 1Page - Vishay Siliconix 16F Datasheet HTML 2Page - Vishay Siliconix 16F Datasheet HTML 3Page - Vishay Siliconix 16F Datasheet HTML 4Page - Vishay Siliconix 16F Datasheet HTML 5Page - Vishay Siliconix 16F Datasheet HTML 6Page - Vishay Siliconix 16F Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93491
2
Revision: 29-Sep-08
16F(R) Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 16 A
Note
(1) Available only for avalanche version, all other parameters the same as 16F
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
16
A
140
°C
Maximum RMS forward current
IF(RMS)
25
A
Maximum on-repetitive peak
reverse power
PR(1)
10 µs square pulse, TJ = TJ maximum
15
K/W
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
350
A
t = 8.3 ms
370
t = 10 ms
100 % VRRM
reapplied
295
t = 8.3 ms
310
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
612
A2s
t = 8.3 ms
560
t = 10 ms
100 % VRRM
reapplied
435
t = 8.3 ms
395
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
6120
A2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.77
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
0.90
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
7.80
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
5.70
Maximum forward voltage drop
VFM
Ipk = 50 A, TJ = 25 °C, tp = 400 µs rectangular wave
1.23
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
temperature range
TJ
- 65 to 175
°C
Maximum storage temperature range
TStg
- 65 to 200
Maximum thermal resistance,
junction to case
RthJC
DC operation
1.6
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.5
Allowable mounting torque
Not lubricated threads
1.5 + 0 - 10 %
(13)
N · m
(lbf · in)
Lubricated threads
1.2 + 0 - 10 %
(10)
N · m
(lbf · in)
Approximate weight
7g
0.25
oz.
Case style
See dimensions - link at the end of datasheet
DO-203AA (DO-4)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com