Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDBHR25W Datasheet (PDF) - Timeguard

LEDBHR25W Datasheet PDF - Timeguard
Part # LEDBHR25W
Download  LEDBHR25W Download
File Size   466.3 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 25W – 2000lm LED Energy Saver Bulkhead Light

LEDBHR25W Datasheet (PDF)

Go To PDF Page Download Datasheet
LEDBHR25W Datasheet PDF - Timeguard

Part # LEDBHR25W
Download  LEDBHR25W Click to download

File Size   466.3 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 25W – 2000lm LED Energy Saver Bulkhead Light

LEDBHR25W Datasheet (HTML) - Timeguard


LEDBHR25W Product details

Features & Benefits
Round LED Bulkhead Light
A powerful and energy saving alternative to standard bulkhead lights
Wide light diffusion pattern
Robust die cast housing with tough polycarbonate lens suitable for industrial, commercial and home installations
IP65 weatherproof rating




Similar Part No. - LEDBHR25W

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDBHR25WPIR TIMEGUARD-LEDBHR25WPIR Datasheet
448Kb / 3P
25W - 2000lm LED Energy Saver PIR Buhead Light
14/02/2025
More results


Similar Description - LEDBHR25W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
BATTERY SAVER
GSCC-7.007BS-E
logo
Glenair, Inc.
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
Connector Saver
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
Quelighting Corp
FIN-RBW-50 QUELIGHTING-FIN-RBW-50 Datasheet
651Kb / 1P
Grow LED Light - Ultra thin for Container farming : 25W or 50W
logo
Molex Electronics Ltd.
1303050210 MOLEX-1303050210 Datasheet
35Kb / 1P
M12 Wide Area LED Machine Light Kit, 170.00mm Width, 420.00mm Length, 25W
02/02/2023
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com