Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDBHR25WPIR Datasheet (PDF) - Timeguard

LEDBHR25WPIR Datasheet PDF - Timeguard
Part # LEDBHR25WPIR
Download  LEDBHR25WPIR Download
File Size   448.76 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 25W - 2000lm LED Energy Saver PIR Buhead Light

LEDBHR25WPIR Datasheet (PDF)

Go To PDF Page Download Datasheet
LEDBHR25WPIR Datasheet PDF - Timeguard

Part # LEDBHR25WPIR
Download  LEDBHR25WPIR Click to download

File Size   448.76 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 25W - 2000lm LED Energy Saver PIR Buhead Light

LEDBHR25WPIR Datasheet (HTML) - Timeguard


LEDBHR25WPIR Product details

Features & Benefits
Round LED Bulkhead Light with PIR.
A powerful and energy saving alternative to standard bulkhead lights
Wide light diffusion pattern.
Robust die cast housing with tough polycarbonate lens suitable for industrial, commercial and home installations.
IP65 weatherproof rating.
LED Panel life expectancy 10 years.
PIR Time, LUX & Sensitivity control.




Similar Part No. - LEDBHR25WPIR

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDBHR25W TIMEGUARD-LEDBHR25W Datasheet
466Kb / 3P
25W – 2000lm LED Energy Saver Bulkhead Light
14/02/2025
More results


Similar Description - LEDBHR25WPIR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2000C ETC1-M2000C Datasheet
202Kb / 5P
PIR Light Controller for 3-Wire Applications
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
PIR Sensor Light Switch Controller
PT8A2612 PERICOM-PT8A2612 Datasheet
105Kb / 12P
PIR Sensor Light Switch Controller
PT8A2621 PERICOM-PT8A2621 Datasheet
110Kb / 13P
PIR Sensor Light Switch Controller
logo
Glenair, Inc.
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Pericom Semiconductor C...
PT8A2641 PERICOM-PT8A2641 Datasheet
413Kb / 13P
PIR Sensor Light Switch
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
Quelighting Corp
FIN-RBW-50 QUELIGHTING-FIN-RBW-50 Datasheet
651Kb / 1P
Grow LED Light - Ultra thin for Container farming : 25W or 50W
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com