Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDMR10WH Datasheet (PDF) - Timeguard

LEDMR10WH Datasheet PDF - Timeguard
Part # LEDMR10WH
Download  LEDMR10WH Download
File Size   624.94 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 7W – 700lm LED Energy Saver Bulkhead Light

LEDMR10WH Datasheet (PDF)

Go To PDF Page Download Datasheet
LEDMR10WH Datasheet PDF - Timeguard

Part # LEDMR10WH
Download  LEDMR10WH Click to download

File Size   624.94 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 7W – 700lm LED Energy Saver Bulkhead Light

LEDMR10WH Datasheet (HTML) - Timeguard


LEDMR10WH Product details

Features & Benefits
Round LED Bulkhead Light
A powerful and energy saving alternative to standard bulkhead lights
Wide light diffusion pattern
Robust die cast housing with tough polycarbonate
lens suitable for industrial, commercial and home installations
IP65 weatherproof rating




Similar Part No. - LEDMR10WH

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDMR10WH3K TIMEGUARD-LEDMR10WH3K Datasheet
293Kb / 2P
10W Slimline LED Energy Saver IP44 Round Wall/Ceiling Light – White
14/02/2025
LEDMR10WHMS TIMEGUARD-LEDMR10WHMS Datasheet
319Kb / 3P
Microwave Presence Detection Version – White
14/02/2025
LEDMR10WHMS3K TIMEGUARD-LEDMR10WHMS3K Datasheet
319Kb / 3P
Microwave Presence Detection Version – White
14/02/2025
More results


Similar Description - LEDMR10WH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
BATTERY SAVER
GSCC-7.007BS-E
logo
Glenair, Inc.
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
Connector Saver
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
Connector Saver
942-004 GLENAIR-942-004 Datasheet
194Kb / 2P
Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
LUMEX INC.
SML-LX19012UWC-WB7 LUMEX-SML-LX19012UWC-WB7 Datasheet
66Kb / 1P
7W, WIRELESS BOND LED MODULE
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com