Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDMR10WH Datasheet(PDF) 1 Page - Timeguard

Part # LEDMR10WH
Description  7W – 700lm LED Energy Saver Bulkhead Light
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDMR10WH Datasheet(HTML) 1 Page - Timeguard

  LEDMR10WH Datasheet HTML 1Page - Timeguard LEDMR10WH Datasheet HTML 2Page - Timeguard LEDMR10WH Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Beam Angle
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LEDBHR7W
7W – 700lm LED Energy
Saver Bulkhead Light
Features & Benefits
Round LED Bulkhead Light
A powerful and energy saving alternative to
standard bulkhead lights
Wide light diffusion pattern
Robust die cast housing with tough polycarbonate
lens suitable for industrial, commercial and home
installations
IP65 weatherproof rating
Technical Data
230V AC
50Hz
Surface Mount
Class I
-10°C to +40°C
IP65
7
120°
Class G
8.4KwH/1000H
700
83 lm/W
5000
Data sheet
LEDBHR7W
Light / LED Bulkheads
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDMR10WH

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDMR10WH3K TIMEGUARD-LEDMR10WH3K Datasheet
293Kb / 2P
10W Slimline LED Energy Saver IP44 Round Wall/Ceiling Light – White
14/02/2025
LEDMR10WHMS TIMEGUARD-LEDMR10WHMS Datasheet
319Kb / 3P
Microwave Presence Detection Version – White
14/02/2025
LEDMR10WHMS3K TIMEGUARD-LEDMR10WHMS3K Datasheet
319Kb / 3P
Microwave Presence Detection Version – White
14/02/2025
More results

Similar Description - LEDMR10WH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
BATTERY SAVER
GSCC-7.007BS-E
logo
Glenair, Inc.
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
Connector Saver
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
Connector Saver
942-004 GLENAIR-942-004 Datasheet
194Kb / 2P
Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
LUMEX INC.
SML-LX19012UWC-WB7 LUMEX-SML-LX19012UWC-WB7 Datasheet
66Kb / 1P
7W, WIRELESS BOND LED MODULE
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com