Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBV10350BY4 Datasheet (PDF) - Innogration Technologies, Inc.

STBV10350BY4 Datasheet PDF - Innogration Technologies, Inc.
Part # STBV10350BY4
Download  STBV10350BY4 Download
File Size   1604.83 Kbytes
Page   6 Pages
Manufacturer  INNOGRATION [Innogration Technologies, Inc.]
Direct Link  http://www.innogration.net/index.htm
Logo INNOGRATION - Innogration Technologies, Inc.
Description Gallium Nitride 50V, 350W,0.6-1GHz RF Power Transistor

STBV10350BY4 Datasheet (PDF)

Go To PDF Page Download Datasheet
STBV10350BY4 Datasheet PDF - Innogration Technologies, Inc.

Part # STBV10350BY4
Download  STBV10350BY4 Click to download

File Size   1604.83 Kbytes
Page   6 Pages
Manufacturer  INNOGRATION [Innogration Technologies, Inc.]
Direct Link  http://www.innogration.net/index.htm
Logo INNOGRATION - Innogration Technologies, Inc.
Description Gallium Nitride 50V, 350W,0.6-1GHz RF Power Transistor

STBV10350BY4 Datasheet (HTML) - Innogration Technologies, Inc.


STBV10350BY4 Product details

Description
The STBV10350BY4 is a 350watt Doherty pair capable, GaN HEMT, ideal for for 4G/5G cellular
applications from 0.6 to 1GHz..
It can be configured as asymmetrical Doherty delivering 45-55W average power, according to normal
8-9dB back off.
There is no guarantee of performance when this part is used outside of stated frequencies.

Applications
 Asymmetrical Doherty amplifier within 0.6-1GHz
 UHF TV
 P band power amplifier




Similar Part No. - STBV10350BY4

ManufacturerPart #DatasheetDescription
logo
Innogration Technologie...
STBV10500BY4 INNOGRATION-STBV10500BY4 Datasheet
1Mb / 6P
Gallium Nitride 50V, 500W,0.6-1GHz RF Power Transistor
More results


Similar Description - STBV10350BY4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
Gallium Nitride 28V, 45W RF Power Transistor
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
Gallium Nitride 28V, 200W RF Power Transistor
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
Gallium Nitride 28V, 25W RF Power Transistor
NPT25015 MA-COM-NPT25015 Datasheet
624Kb / 8P
Gallium Nitride 28V, 23W RF Power Transistor
NPT25100 MA-COM-NPT25100 Datasheet
1Mb / 13P
Gallium Nitride 28V, 125W RF Power Transistor
NPT35050A MA-COM-NPT35050A Datasheet
673Kb / 10P
Gallium Nitride 28V, 65W RF Power Transistor
NPTB00004 MA-COM-NPTB00004 Datasheet
953Kb / 10P
Gallium Nitride 28V, 5W RF Power Transistor
logo
List of Unclassifed Man...
NPT1010 ETC2-NPT1010 Datasheet
1Mb / 10P
Gallium Nitride 28V, 100W RF Power Transistor
NPT35015 ETC2-NPT35015 Datasheet
716Kb / 10P
Gallium Nitride 28V, 18W RF Power Transistor
NPT35050A ETC2-NPT35050A Datasheet
673Kb / 10P
Gallium Nitride 28V, 65W RF Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com