Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBV10500BY4 Datasheet (PDF) - Innogration Technologies, Inc.

STBV10500BY4 Datasheet PDF - Innogration Technologies, Inc.
Part # STBV10500BY4
Download  STBV10500BY4 Download
File Size   1665.35 Kbytes
Page   6 Pages
Manufacturer  INNOGRATION [Innogration Technologies, Inc.]
Direct Link  http://www.innogration.net/index.htm
Logo INNOGRATION - Innogration Technologies, Inc.
Description Gallium Nitride 50V, 500W,0.6-1GHz RF Power Transistor

STBV10500BY4 Datasheet (PDF)

Go To PDF Page Download Datasheet
STBV10500BY4 Datasheet PDF - Innogration Technologies, Inc.

Part # STBV10500BY4
Download  STBV10500BY4 Click to download

File Size   1665.35 Kbytes
Page   6 Pages
Manufacturer  INNOGRATION [Innogration Technologies, Inc.]
Direct Link  http://www.innogration.net/index.htm
Logo INNOGRATION - Innogration Technologies, Inc.
Description Gallium Nitride 50V, 500W,0.6-1GHz RF Power Transistor

STBV10500BY4 Datasheet (HTML) - Innogration Technologies, Inc.


STBV10500BY4 Product details

Description
The STBV10500BY4 is a 500watt Doherty pair capable, GaN HEMT, ideal for for 4G/5G cellular
applications from 0.6 to 1GHz..
It can be configured as asymmetrical Doherty delivering 80W average power, according to normal
8dB back off.
There is no guarantee of performance when this part is used outside of stated frequencies.

Applications
 Asymmetrical Doherty amplifier within 0.6-1GHz
 UHF TV




Similar Part No. - STBV10500BY4

ManufacturerPart #DatasheetDescription
logo
Innogration Technologie...
STBV10350BY4 INNOGRATION-STBV10350BY4 Datasheet
1Mb / 6P
Gallium Nitride 50V, 350W,0.6-1GHz RF Power Transistor
More results


Similar Description - STBV10500BY4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
Gallium Nitride 28V, 45W RF Power Transistor
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
Gallium Nitride 28V, 200W RF Power Transistor
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
Gallium Nitride 28V, 25W RF Power Transistor
NPT25015 MA-COM-NPT25015 Datasheet
624Kb / 8P
Gallium Nitride 28V, 23W RF Power Transistor
NPT25100 MA-COM-NPT25100 Datasheet
1Mb / 13P
Gallium Nitride 28V, 125W RF Power Transistor
NPT35050A MA-COM-NPT35050A Datasheet
673Kb / 10P
Gallium Nitride 28V, 65W RF Power Transistor
NPTB00004 MA-COM-NPTB00004 Datasheet
953Kb / 10P
Gallium Nitride 28V, 5W RF Power Transistor
logo
List of Unclassifed Man...
NPT1010 ETC2-NPT1010 Datasheet
1Mb / 10P
Gallium Nitride 28V, 100W RF Power Transistor
NPT35015 ETC2-NPT35015 Datasheet
716Kb / 10P
Gallium Nitride 28V, 18W RF Power Transistor
NPT35050A ETC2-NPT35050A Datasheet
673Kb / 10P
Gallium Nitride 28V, 65W RF Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com