Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG4010ESBYL Datasheet (PDF) - TECH PUBLIC Electronics co LTD

PMEG4010ESBYL Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # PMEG4010ESBYL
Download  PMEG4010ESBYL Download
File Size   616.34 Kbytes
Page   2 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Schottky barrier diode

PMEG4010ESBYL Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG4010ESBYL Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # PMEG4010ESBYL
Download  PMEG4010ESBYL Click to download

File Size   616.34 Kbytes
Page   2 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Schottky barrier diode

PMEG4010ESBYL Datasheet (HTML) - TECH PUBLIC Electronics co LTD


PMEG4010ESBYL Product details

Features
* Average forward current: lay) < 1.0A |
* Reverse voltage: Vg =< 40V |
+ Low forward voltage: Vi < 0.6V @1A |
* Low reverse current: lp < 30pUA@40V |
* Leadless ultra small SMD plastic package |
* We declare that the material of product compliance with RoHS |

requirements and Halogen Free |




Similar Part No. - PMEG4010ESBYL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010ESB NXP-PMEG4010ESB Datasheet
204Kb / 14P
40 V, 1 A low VF MEGA Schottky barrier rectifier
24 June 2015
logo
Nexperia B.V. All right...
PMEG4010ESB NEXPERIA-PMEG4010ESB Datasheet
697Kb / 14P
40 V, 1 A low VF MEGA Schottky barrier rectifier
27 November 2015
More results


Similar Description - PMEG4010ESBYL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com