Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8412ABRMZ Datasheet (PDF) - Analog Devices

AD8412ABRMZ Datasheet PDF - Analog Devices
Part # AD8412ABRMZ
Download  AD8412ABRMZ Download
File Size   1047.18 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description −2V to 50V Wide Input Voltage Range, 1.8MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 10V/V

AD8412ABRMZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8412ABRMZ Datasheet PDF - Analog Devices

Part # AD8412ABRMZ
Download  AD8412ABRMZ Click to download

File Size   1047.18 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description −2V to 50V Wide Input Voltage Range, 1.8MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 10V/V

AD8412ABRMZ Datasheet (HTML) - Analog Devices


AD8412ABRMZ Product details

FEATURES
 1.8MHz small signal, −3dB bandwidth
 In-package Trim Core (DigiTrim™)
 Precision without chopping and/or autozero
 Typical ±0.30μV/°C offset drift
 Maximum ±200μV voltage-offset over
temperature range
 Typical DC CMRR: 131dB
 Typical AC CMRR at 50kHz: 97dB
 Wide common-mode input voltage range
 −2V to +50V, continuous operation
 −20V to +85V, continuous survival
 Initial gain: 10V/V
 Wide operating temperature range: −40°C to +125°C
 Bidirectional operation
 2.9V to 5.5V power-supply operating range
 Available in an 8-lead MSOP package
APPLICATIONS
 In-phase or high-side current sensing in:
 Motor control in BLDC motors, low-inductance
motors
 Bidirectional 48V to 12V DC to DC converters
 Solenoid controls
 Power rail monitoring
 Low-side current sensing
GENERAL DESCRIPTION
The AD8412A is a high voltage, high bandwidth currentsense
amplifier. The device features an initial gain of
10V/V, with a 1.8MHz bandwidth with a maximum
±0.11% gain error over the entire temperature range.
The buffered output voltage directly interfaces with any
typical converter. The AD8412A has a minimum DC
common-mode rejection ratio (CMRR) of 110dB from
−2V to +50V. The AD8412A performs bidirectional
current measurements across a shunt resistor in a
variety of industrial and automotive applications.
The AD8412A offers breakthrough performance
throughout the −40°C to +125°C temperature range. The
device features an in-package trim core, which leads to
a typical offset drift of ±0.30μV/°C (based on box
method, as in Figure 56) throughout the operating
temperature range and the common-mode voltage
range without the need for chopping and autozero
clocks (which can lead to intermodulation in the
application). The device includes circuitry to achieve a
wide input common-mode range and balanced input
bias currents, regardless of input differential voltage or
common-mode voltage, and circuitry to achieve
ultralow CMRR drift. The device also includes circuitry to
enable output accuracy in the presence of pulse-width
modulation (PWM) type input common-mode voltages.
The AD8412A is available in an 8-lead, MSOP package.




Similar Part No. - AD8412ABRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV.B
AD841 AD-AD841 Datasheet
377Kb / 17P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
2/13-Rev. B to Rev. C
AD841 AD-AD841 Datasheet
338Kb / 16P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
Rev. C
AD8410 AD-AD8410 Datasheet
3Mb / 4P
High Voltage, High Bandwidth Current Sense Amplifier
AD8410A AD-AD8410A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection
Rev. 0
More results


Similar Description - AD8412ABRMZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240_016 TI1-INA240_016 Datasheet
1Mb / 35P
High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240-Q1 TI1-INA240-Q1_17 Datasheet
1Mb / 34P
Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
logo
Maxim Integrated Produc...
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
Bidirectional Current Sense Amplifier with PWM-Rejection
2021
logo
Texas Instruments
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
logo
Analog Devices
MAX49925 AD-MAX49925 Datasheet
1Mb / 11P
Bidirectional, Wide Positive and Negative Sensing Range, Current- Sense Amplifier with PWM
19-101605; Rev 0; 1/23
AD8410A AD-AD8410A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection
Rev. 0
AD8411A AD-AD8411A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V
Rev. 0
logo
Texas Instruments
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com