Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN6310 Datasheet (PDF) - Analog Devices

ADIN6310 Datasheet PDF - Analog Devices
Part # ADIN6310
Download  ADIN6310 Download
File Size   2771.14 Kbytes
Page   86 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Industrial Ethernet Time Sensitive Networking Switch

ADIN6310 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIN6310 Datasheet PDF - Analog Devices

Part # ADIN6310
Download  ADIN6310 Click to download

File Size   2771.14 Kbytes
Page   86 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Industrial Ethernet Time Sensitive Networking Switch

ADIN6310 Datasheet (HTML) - Analog Devices


ADIN6310 Product details

FEATURES
► Ethernet MAC interfaces: 10 Mb, 100 Mb or 1 Gb per port
► 6-port: 4x RMII/RGMII/SGMII and 2x RMII/RGMII
► 3-port: 2x RMII/RGMII/SGMII and 1x RMII/RGMII
► SGMII, 1000BASE-SX/1000BASE-LX/1000BASE-KX, and
100BASE-FX
► Low Latency, Layer 2 Ethernet switch
► Deterministic latency from port to port
► Cut-through or store and forward operation
► Traffic types and bridge delay per IEEE/IEC 60802
► Standard bridging per IEEE 802.1Q-2018 (tailored)
► Each port is nonblocking and independent
► 32 kB frame buffer per transmit port
► 4096 VLANs
► Time synchronization
► IEEE 802.1AS-2020
► IEEE 1588-2019 default profile
► IEEE C37.238-2017 energy profile2
► 8 ns timestamp resolution
► Frames timestamped on ingress or egress
► IEEE 802.1Q time sensitive networking bridging
► Qbv: enhancements for scheduled traffic
► Qci: per stream filtering and policing
► Qbu: frame preemption
► Qch: cyclic queuing and forwarding
► Qav: forwarding and queuing enhancement2
► Qcc: stream reservation protocol enhancements2
► Number of streams
► 16000 TSN Layer 2 streams
► 256 extended lookup streams (IPV4, IPV6, PCP, and so on)
► PROFINET SendList control
► High availability and redundancy
► IEEE 802.1CB Frame Replication and Elimination for
Reliability
► IEC62439-3:2016-03 HSR-/PRP-Compliant Protocol for
Seamless Failover
► IEC62439-3-2021-12 Media Redundancy Protocol
► Custom Layer 2 on two ports for PROFINET IRT, EtherNet/IP
beacon-based DLR, POWERLINK (100 Mbps)2
► Packet assist engine offloads host and manages TSN and switch
features
► Portable C drivers for TSN and industrial Ethernet protocols
► NETCONF support (driver to Sysrepo translation layer)
► Hardware root of trust based security features
► Secure boot, secure update with anti-rollback
► Hardware-based cryptography
► Secure host pairing Protocol
► Cryptographic authenticity checking
► Interfaces to external host processor
► RMII, RGMII, SGMII, SPI, dual SPI, or Quad SPI
► Power
► 3 external power supplies: 1.1 V, 3.3 V, and VDDIO_x (1.8 V,
2.5 V, or 3.3 V)
► Total chip power 60 mW per port at 1 Gbps, full utilization with
VDDIO_B = 1.8 V
► Package and temperature range
► 256-ball CSP_BGA, 14 mm × 14 mm, 0.8 mm pitch
► 196-ball CSP_BGA, 12 mm × 12 mm, 0.8 mm pitch
► Temperature range −40°C to +85 or −40°C to 105°C
APPLICATIONS
► Factory and process automation
► Motion control, robots, and cobots
► Energy automation
► Transportation
► Instrumentation
► Building automation
GENERAL DESCRIPTION
The ADIN3310 and ADIN6310 are 3-port and 6-port Gigabit Ethernet
time sensitive networking (TSN) switches with integrated security
primarily designed for industrial Ethernet applications. Each port
can be configured to operate at different speeds. These switches
have uncommitted media access controller (MAC) interfaces and
can be paired with Analog Devices, Inc., physical (PHY) layer
devices such as ADIN1100, ADIN1200, and ADIN1300, to form a
low power, low latency system. Four serial gigabit media independent
interface (SGMII) and serializer/deserializer (serdes) interfaces
allow backplane connections, connectivity to SFP modules and
cascade switches. The switch supports the suite of IEEE 802.1Q
time sensitive networking bridging features required by IEEE 60802
standard providing quality of service (QoS) for latency sensitive
streams. The device also includes hardware capability to support
parallel redundancy protocol (PRP) or high availability seamless
redundancy (HSR) redundancy protocols, thereby offloading the
host processor.




Similar Part No. - ADIN6310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIN1100 AD-ADIN1100 Datasheet
696Kb / 50P
Robust, Industrial, Low Power 10BASE-T1L Ethernet PHY
ADIN1100 AD-ADIN1100 Datasheet
1Mb / 78P
Robust, Industrial, Low Power 10BASE-T1L PHY
Rev. 0
ADIN1100 AD-ADIN1100 Datasheet
1Mb / 20P
Industrial SPoE PD Controller
Rev. 0
ADIN1100 AD-ADIN1100 Datasheet
1Mb / 46P
5-Port SPoE PSE Controller
Rev. 0
ADIN1100 AD-ADIN1100 Datasheet
1Mb / 22P
Power Conditioner for APL Field Devices
Rev. 0
More results


Similar Description - ADIN6310

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
710FX2 REDLION-710FX2 Datasheet
400Kb / 3P
Managed Industrial Ethernet Switch
708FX2 REDLION-708FX2 Datasheet
817Kb / 3P
Managed Industrial Ethernet Switch
508FX2 REDLION-508FX2 Datasheet
774Kb / 4P
Industrial Ethernet Switch
317FX REDLION-317FX Datasheet
453Kb / 3P
Unmanaged Industrial Ethernet Switch
306FX2 REDLION-306FX2 Datasheet
443Kb / 3P
Unmanaged Industrial Ethernet Switch
111FX3 REDLION-111FX3 Datasheet
724Kb / 3P
Unmanaged Industrial Ethernet Switch
106FX2 REDLION-106FX2 Datasheet
834Kb / 3P
Unmanaged Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
Industrial Ethernet Switch
logo
Red Lion Controls. Inc
708TX REDLION-708TX Datasheet
777Kb / 3P
Industrial Ethernet Switch
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
Industrial Ethernet Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com