Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDPROFOB Datasheet (PDF) - Timeguard

LEDPROFOB Datasheet PDF - Timeguard
Part # LEDPROFOB
Download  LEDPROFOB Download
File Size   582.5 Kbytes
Page   2 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description LEDPRO RF Remote Fob

LEDPROFOB Datasheet (PDF)

Go To PDF Page Download Datasheet
LEDPROFOB Datasheet PDF - Timeguard

Part # LEDPROFOB
Download  LEDPROFOB Click to download

File Size   582.5 Kbytes
Page   2 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description LEDPRO RF Remote Fob

LEDPROFOB Datasheet (HTML) - Timeguard


LEDPROFOB Product details

Features & Benefits
Eliminates the need for hard wired PIR override
RF key Fob remote control – 100m range
Can be surface mounted and used as a wall
switch – 10m range
Up to 6 remotes can be used with one PIR
Auto learn
Battery: 3V (1x CR2032)
IP44 weatherproof rating
Compatible with PIR sensor models:
LEDPRORFKB, LEDPRORFKWH, SLB2300RF,
SLW2300RF




Similar Part No. - LEDPROFOB

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDPRO100B TIMEGUARD-LEDPRO100B Datasheet
1Mb / 3P
100W LED Professional Rewireable Floodlight - Black
14/02/2025
LEDPRO100WH TIMEGUARD-LEDPRO100WH Datasheet
1Mb / 3P
100W LED Professional Rewireable Floodlight - White
14/02/2025
LEDPRO10B TIMEGUARD-LEDPRO10B Datasheet
842Kb / 3P
10W LED Professional Rewireable Floodlight - Black
14/02/2025
LEDPRO10WH TIMEGUARD-LEDPRO10WH Datasheet
837Kb / 3P
10W LED Professional Rewireable Floodlight - White
14/02/2025
LEDPRO20B TIMEGUARD-LEDPRO20B Datasheet
842Kb / 3P
20W LED Professional Rewireable Floodlight - Black
14/02/2025
More results


Similar Description - LEDPROFOB

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1490F DALLAS-DS1490F Datasheet
141Kb / 3P
2-in-1 Fob
logo
Oscilent Corporation
805-RF434.42M-B OSCILENT-805-RF434.42M-B Datasheet
203Kb / 2P
Remote Control, RF SAW Filter
863-RF315.0M-A OSCILENT-863-RF315.0M-A Datasheet
193Kb / 2P
Remote Control, RF SAW Filter
805-RF315.0M-A OSCILENT-805-RF315.0M-A_14 Datasheet
123Kb / 4P
Remote Control, RF SAW Filter
logo
rfsolutions.ltd
FOBBER RFSOLUTIONS-FOBBER Datasheet
1Mb / 4P
FOBBER-FM Key Fob
logo
Schneider Electric
XGHBPB3345 SCHNEIDER-XGHBPB3345 Datasheet
99Kb / 3P
Key Fob tag
Jan 7, 2021
logo
Transko Electronics, In...
TA447BK TRANSKO-TA447BK Datasheet
302Kb / 4P
Remote Control, RF SAW Filter
Revision 0: January 2010
TA836MM TRANSKO-TA836MM Datasheet
421Kb / 4P
Remote Control, RF SAW Filter
Revision 0: November 2011
TA868AK TRANSKO-TA868AK Datasheet
379Kb / 3P
Remote Control, RF SAW Filter
Revision0: May 2005
TA868FP1 TRANSKO-TA868FP1 Datasheet
326Kb / 3P
Remote Control, RF SAW Filter
Revision 0: July 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com