Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDPROFOB Datasheet(PDF) 1 Page - Timeguard

Part # LEDPROFOB
Description  LEDPRO RF Remote Fob
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDPROFOB Datasheet(HTML) 1 Page - Timeguard

  LEDPROFOB Datasheet HTML 1Page - Timeguard LEDPROFOB Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Voltage
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Battery Type
Power Reserve
Transmission Distance
RF Frequency
Push Buttons
Permanent ON Facility
Multiple Unit Support
LEDPROFOB
LEDPRO RF Remote Fob
Features & Benefits
Eliminates the need for hard wired PIR override
RF key Fob remote control – 100m range
Can be surface mounted and used as a wall
switch – 10m range
Up to 6 remotes can be used with one PIR
Auto learn
Battery: 3V (1x CR2032)
IP44 weatherproof rating
Compatible with PIR sensor models:
LEDPRORFKB, LEDPRORFKWH, SLB2300RF,
SLW2300RF
Technical Data
3V DC
Class III
-20°C to 40°C
IP44
RF Remote
CR2032 3V (Replaceable)
24 Months Approx
100m (Line Of Sight), 10m (With Remote Inside A
Wall Switch)
433MHz to 434MHz
Yes
Yes (Push Button Activated)
Yes (Up To 6)
Data sheet
LEDPROFOB
Light / LEDPRO Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDPROFOB

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDPRO100B TIMEGUARD-LEDPRO100B Datasheet
1Mb / 3P
100W LED Professional Rewireable Floodlight - Black
14/02/2025
LEDPRO100WH TIMEGUARD-LEDPRO100WH Datasheet
1Mb / 3P
100W LED Professional Rewireable Floodlight - White
14/02/2025
LEDPRO10B TIMEGUARD-LEDPRO10B Datasheet
842Kb / 3P
10W LED Professional Rewireable Floodlight - Black
14/02/2025
LEDPRO10WH TIMEGUARD-LEDPRO10WH Datasheet
837Kb / 3P
10W LED Professional Rewireable Floodlight - White
14/02/2025
LEDPRO20B TIMEGUARD-LEDPRO20B Datasheet
842Kb / 3P
20W LED Professional Rewireable Floodlight - Black
14/02/2025
More results

Similar Description - LEDPROFOB

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1490F DALLAS-DS1490F Datasheet
141Kb / 3P
2-in-1 Fob
logo
Oscilent Corporation
805-RF434.42M-B OSCILENT-805-RF434.42M-B Datasheet
203Kb / 2P
Remote Control, RF SAW Filter
863-RF315.0M-A OSCILENT-863-RF315.0M-A Datasheet
193Kb / 2P
Remote Control, RF SAW Filter
805-RF315.0M-A OSCILENT-805-RF315.0M-A_14 Datasheet
123Kb / 4P
Remote Control, RF SAW Filter
logo
rfsolutions.ltd
FOBBER RFSOLUTIONS-FOBBER Datasheet
1Mb / 4P
FOBBER-FM Key Fob
logo
Schneider Electric
XGHBPB3345 SCHNEIDER-XGHBPB3345 Datasheet
99Kb / 3P
Key Fob tag
Jan 7, 2021
logo
Transko Electronics, In...
TA447BK TRANSKO-TA447BK Datasheet
302Kb / 4P
Remote Control, RF SAW Filter
Revision 0: January 2010
TA836MM TRANSKO-TA836MM Datasheet
421Kb / 4P
Remote Control, RF SAW Filter
Revision 0: November 2011
TA868AK TRANSKO-TA868AK Datasheet
379Kb / 3P
Remote Control, RF SAW Filter
Revision0: May 2005
TA868FP1 TRANSKO-TA868FP1 Datasheet
326Kb / 3P
Remote Control, RF SAW Filter
Revision 0: July 2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com