Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCV22700BY4V Datasheet (PDF) - Innogration Technologies, Inc.

STCV22700BY4V Datasheet PDF - Innogration Technologies, Inc.
Part # STCV22700BY4V
Download  STCV22700BY4V Download
File Size   1732.59 Kbytes
Page   6 Pages
Manufacturer  INNOGRATION [Innogration Technologies, Inc.]
Direct Link  http://www.innogration.net/index.htm
Logo INNOGRATION - Innogration Technologies, Inc.
Description GaN HEMT 50V, 700W,2.1-2.2GHz RF Power Transistor

STCV22700BY4V Datasheet (PDF)

Go To PDF Page Download Datasheet
STCV22700BY4V Datasheet PDF - Innogration Technologies, Inc.

Part # STCV22700BY4V
Download  STCV22700BY4V Click to download

File Size   1732.59 Kbytes
Page   6 Pages
Manufacturer  INNOGRATION [Innogration Technologies, Inc.]
Direct Link  http://www.innogration.net/index.htm
Logo INNOGRATION - Innogration Technologies, Inc.
Description GaN HEMT 50V, 700W,2.1-2.2GHz RF Power Transistor

STCV22700BY4V Datasheet (HTML) - Innogration Technologies, Inc.


STCV22700BY4V Product details

Description
The STCV22700BY4V is a dual path 700 watt , Internally matched GaN HEMT, ideal for applications
from 2.1 to 2.2GHz especially for LTE/5G
There is no guarantee of performance when this part is used outside of stated frequencies.

Applications
 Asymmetrical Doherty amplifier within 2.1-2.2GHz
 Sub-2GHz power amplifier
 CW or pulsed Amplifier




Similar Part No. - STCV22700BY4V

ManufacturerPart #DatasheetDescription
logo
Innogration Technologie...
STCV22603BY4 INNOGRATION-STCV22603BY4 Datasheet
1Mb / 6P
GaN HEMT 50V, 600W,2.1-2.2GHz RF Power Transistor
More results


Similar Description - STCV22700BY4V

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00 Datasheet
833Kb / 6P
GaN HEMT Power Transistor
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00_15 Datasheet
833Kb / 6P
GaN HEMT Power Transistor
logo
Ampleon Netherlands B.V...
CLF1G0035-100 AMPLEON-CLF1G0035-100 Datasheet
1Mb / 20P
Broadband RF power GaN HEMT
Rev. 6 ??8 January 2016
CLF1G0035-100P AMPLEON-CLF1G0035-100P Datasheet
1Mb / 16P
Broadband RF power GaN HEMT
Rev. 4 ??24 February 2016
CLF1G0035-200P AMPLEON-CLF1G0035-200P Datasheet
1Mb / 19P
Broadband RF power GaN HEMT
Rev. 1 ??22 April 2016
CLF1G0035-50 AMPLEON-CLF1G0035-50 Datasheet
1Mb / 19P
Broadband RF power GaN HEMT
Rev. 6 ??8 January 2016
CLF1G0060-10 AMPLEON-CLF1G0060-10 Datasheet
1Mb / 18P
Broadband RF power GaN HEMT
Rev. 5 ??18 February 2016
CLF1G0060-30 AMPLEON-CLF1G0060-30 Datasheet
1Mb / 19P
Broadband RF power GaN HEMT
Rev. 7 ??5 February 2018
CLF3H0035-100 AMPLEON-CLF3H0035-100 Datasheet
1Mb / 12P
Broadband RF power GaN HEMT
Rev. 1 ??23 December 2021
CLF3H0060-30 AMPLEON-CLF3H0060-30 Datasheet
2Mb / 29P
Broadband RF power GaN HEMT
Rev. 1 ??20 December 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com