Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1007178 Datasheet (PDF) - PHOENIX CONTACT

1007178 Datasheet PDF - PHOENIX CONTACT
Part # 1007178
Download  1007178 Download
File Size   284.2 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5/ 2-R GY - PCB terminal block

1007178 Datasheet (PDF)

Go To PDF Page Download Datasheet
1007178 Datasheet PDF - PHOENIX CONTACT

Part # 1007178
Download  1007178 Click to download

File Size   284.2 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5/ 2-R GY - PCB terminal block

1007178 Datasheet (HTML) - PHOENIX CONTACT


1007178 Product details

Printed circuit board terminal, nominal current: 22 A, rated voltage (III/2): 250 V, nominal cross
section: 2.5 mm2, number of potentials: 2, number of rows: 1, number of positions per row: 2,
product range: FKDSO 2,5/..-R, pitch: 5 mm, connection method: Push-in spring connection,
mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: gray, Pin layout:
Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard. Product with pin output on right side




Similar Part No. - 1007178

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1007179 PHOENIX-1007179 Datasheet
286Kb / 9P
FKDSO 2,5/ 3-L GY - PCB terminal block
More results


Similar Description - 1007178

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200316 PHOENIX-2200316 Datasheet
118Kb / 4P
FKDSO 2,5/ 2-R KMGY
2200317 PHOENIX-2200317 Datasheet
120Kb / 4P
FKDSO 2,5/ 3-R KMGY
2200319 PHOENIX-2200319 Datasheet
131Kb / 7P
PCB terminal block - FKDSO 2,5/ 4-L KMGY
2201128 PHOENIX-2201128 Datasheet
113Kb / 4P
PCB terminal block - FKDSO 2,5 HV/3-L 7,5 GY7035
2901518 PHOENIX-2901518 Datasheet
56Kb / 3P
PCB terminal block - MKDSO 2,5/ 2-R BU
2909581 PHOENIX-2909581 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-R GY
2909785 PHOENIX-2909785 Datasheet
63Kb / 5P
PCB terminal block - MKDSO 2,5/ 2-R BK VPE200
5430302 PHOENIX-5430302 Datasheet
65Kb / 4P
PCB terminal block - BC-500X10- 2 GY
5430409 PHOENIX-5430409 Datasheet
58Kb / 3P
PCB terminal block - BC-508X18- 2 GY
2203515 PHOENIX-2203515 Datasheet
311Kb / 8P
MKDSO 2,5/ 2-R TS - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com