Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1007178 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1007178
Description  FKDSO 2,5/ 2-R GY - PCB terminal block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1007178 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1007178 Datasheet HTML 1Page - PHOENIX CONTACT 1007178 Datasheet HTML 2Page - PHOENIX CONTACT 1007178 Datasheet HTML 3Page - PHOENIX CONTACT 1007178 Datasheet HTML 4Page - PHOENIX CONTACT 1007178 Datasheet HTML 5Page - PHOENIX CONTACT 1007178 Datasheet HTML 6Page - PHOENIX CONTACT 1007178 Datasheet HTML 7Page - PHOENIX CONTACT 1007178 Datasheet HTML 8Page - PHOENIX CONTACT 1007178 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Printed circuit board terminal, nominal current: 22 A, rated voltage (III/2): 250 V, nominal cross
section: 2.5 mm2, number of potentials: 2, number of rows: 1, number of positions per row: 2,
product range: FKDSO 2,5/..-R, pitch: 5 mm, connection method: Push-in spring connection,
mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: gray, Pin layout:
Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard. Product with pin output on right side
Your advantages
Time saving push-in connection, tools not required
•
Intuitive operation due to color-coded actuating push button
•
Defined contact force ensures that contact remains stable over the long term
•
Push-in technology for quick and easy wiring
•
Orthogonal alignment of the terminal block with the PCB for optimum accessibility in DIN-rail-mounted devices
•
Commercial data
Item number
1007178
Packing unit
50 pc
Minimum order quantity
50 pc
Product key
ACHADA
GTIN
4055626479071
Weight per piece (including packing)
2.489 g
Weight per piece (excluding packing)
2.48 g
Country of origin
PL
FKDSO 2,5/ 2-R GY - PCB terminal block
1007178
https://www.phoenixcontact.com/us/products/1007178
Feb 27, 2025, 2:30 AM
Page 1 (9)


Similar Part No. - 1007178

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1007179 PHOENIX-1007179 Datasheet
286Kb / 9P
FKDSO 2,5/ 3-L GY - PCB terminal block
More results

Similar Description - 1007178

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200316 PHOENIX-2200316 Datasheet
118Kb / 4P
FKDSO 2,5/ 2-R KMGY
2200317 PHOENIX-2200317 Datasheet
120Kb / 4P
FKDSO 2,5/ 3-R KMGY
2200319 PHOENIX-2200319 Datasheet
131Kb / 7P
PCB terminal block - FKDSO 2,5/ 4-L KMGY
2201128 PHOENIX-2201128 Datasheet
113Kb / 4P
PCB terminal block - FKDSO 2,5 HV/3-L 7,5 GY7035
2901518 PHOENIX-2901518 Datasheet
56Kb / 3P
PCB terminal block - MKDSO 2,5/ 2-R BU
2909581 PHOENIX-2909581 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-R GY
2909785 PHOENIX-2909785 Datasheet
63Kb / 5P
PCB terminal block - MKDSO 2,5/ 2-R BK VPE200
5430302 PHOENIX-5430302 Datasheet
65Kb / 4P
PCB terminal block - BC-500X10- 2 GY
5430409 PHOENIX-5430409 Datasheet
58Kb / 3P
PCB terminal block - BC-508X18- 2 GY
2203515 PHOENIX-2203515 Datasheet
311Kb / 8P
MKDSO 2,5/ 2-R TS - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com