Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD7338P Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD7338P Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD7338P
Download  TPESD7338P Download
File Size   1294.75 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 8-Line Ultra Low Capacitance TVS Diode Array

TPESD7338P Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD7338P Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD7338P
Download  TPESD7338P Click to download

File Size   1294.75 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 8-Line Ultra Low Capacitance TVS Diode Array

TPESD7338P Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD7338P Product details

Features
«Ultra low capacitance: 0.29pF typical (10 to 10)
«Ultra low leakage: nA level
+ Low operating voltage: 3.3V
+ Low clamping voltage
+ Protects eight data lines
+ Leadless flow-through package
+ Complies with following standards:
— IEC 61000-4-2 (ESD) immunity test
Air discharge: +25kV
Contact discharge: +20kV
— IEC61000-4-5 (Lightning) 5A (8/20ps)
— [EC61000-4-4 (EFT) 40A (§/50ns)




Similar Part No. - TPESD7338P

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD73002F TECHPUBLIC-TPESD73002F Datasheet
1Mb / 4P
Low Capactionce 2-Line Uni-directional TVS Diode
TPESD73051N TECHPUBLIC-TPESD73051N Datasheet
2Mb / 4P
Low Capacitance Bi-directional ESD DIODE
TPESD73151N TECHPUBLIC-TPESD73151N Datasheet
2Mb / 4P
Low Capacitance Bi-directional ESD DIODE
TPESD73181CZ TECHPUBLIC-TPESD73181CZ Datasheet
2Mb / 4P
1-Line Uni-directional ESD DIODE
TPESD7371P2T5G TECHPUBLIC-TPESD7371P2T5G Datasheet
1Mb / 4P
Low Capacitance Uni-directional TVS Diode
More results


Similar Description - TPESD7338P

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AR0502S1 APMICRO-AR0502S1 Datasheet
766Kb / 5P
2-Line Ultra-Low Capacitance TVS Diode Array
AR0502S5 APMICRO-AR0502S5 Datasheet
798Kb / 5P
2-Line Ultra Low Capacitance TVS Diode Array
AR0506PA APMICRO-AR0506PA Datasheet
580Kb / 5P
6-Line Ultra Low Capacitance TVS Diode Array
AR0524P5 APMICRO-AR0524P5 Datasheet
924Kb / 11P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC3344P8 LEIDITECH-ULC3344P8 Datasheet
2Mb / 5P
8- Line Ultra Low Capacitance TVS Diode Array
ULC0524S LEIDITECH-ULC0524S Datasheet
1Mb / 9P
4-Line Ultra Low Capacitance TVS Diode Array
RCLAMP3382P LEIDITECH-RCLAMP3382P Datasheet
2Mb / 5P
2-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2018
RCLAMP0522P LEIDITECH-RCLAMP0522P Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2018
TPD4S009DCKR LEIDITECH-TPD4S009DCKR Datasheet
415Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
logo
TECH PUBLIC Electronics...
TPESD7538P TECHPUBLIC-TPESD7538P Datasheet
964Kb / 4P
8-Line Ultra Low Capacitance TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com