Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPNCP114ASN300T1G Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPNCP114ASN300T1G Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPNCP114ASN300T1G
Download  TPNCP114ASN300T1G Download
File Size   8153.23 Kbytes
Page   9 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 300 mA 25uA Higt PSRR Voltage Regulator

TPNCP114ASN300T1G Datasheet (PDF)

Go To PDF Page Download Datasheet
TPNCP114ASN300T1G Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPNCP114ASN300T1G
Download  TPNCP114ASN300T1G Click to download

File Size   8153.23 Kbytes
Page   9 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 300 mA 25uA Higt PSRR Voltage Regulator

TPNCP114ASN300T1G Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPNCP114ASN300T1G Product details

Features

« 254A Ground Current at no Load

« 2% Output Accuracy

« 450mA Output Current

+ 10nA Disable Current (by option)

« Wide Operating Input Voltage Range: 1.2V to
550

« Dropout Voltage: 0.32V at 450mA (Vour=3.3V)

« Support Fixed Output Voltage 1.2V, 15V, 1.6V,
1.8V, 2.5V, 2.8V, 3.0V, 3.3V.36V

« Stable with Ceramic or Tantalum Capacitor

« Current Limit Protection

« Over-Temperature Protection

+ sOT23-5 -




Similar Part No. - TPNCP114ASN300T1G

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPNCP115ASN TECHPUBLIC-TPNCP115ASN Datasheet
3Mb / 5P
With shutdown mode LDO
TPNCP115ASN120T2G TECHPUBLIC-TPNCP115ASN120T2G Datasheet
3Mb / 5P
With shutdown mode LDO
TPNCP115ASN180T2G TECHPUBLIC-TPNCP115ASN180T2G Datasheet
3Mb / 5P
With shutdown mode LDO
TPNCP115ASN300T2G TECHPUBLIC-TPNCP115ASN300T2G Datasheet
3Mb / 5P
With shutdown mode LDO
TPNCP115ASN330T2G TECHPUBLIC-TPNCP115ASN330T2G Datasheet
3Mb / 5P
With shutdown mode LDO
More results


Similar Description - TPNCP114ASN300T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
logo
TECH PUBLIC Electronics...
TPRT9193-33GB TECHPUBLIC-TPRT9193-33GB Datasheet
2Mb / 5P
300mA Higt PSRR Voltage Reaulators
XC6220B331MR TECHPUBLIC-XC6220B331MR Datasheet
3Mb / 6P
900mA,25uA, Higt PSRR Voltage Regulator
TPRT9193 TECHPUBLIC-TPRT9193 Datasheet
2Mb / 5P
300mA Higt PSRR Voltage Reaulators
TPLP5907MFX TECHPUBLIC-TPLP5907MFX Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPS793 TECHPUBLIC-TPS793 Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPS799 TECHPUBLIC-TPS799 Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPSPX5205M5-L-2-5 TECHPUBLIC-TPSPX5205M5-L-2-5 Datasheet
2Mb / 6P
20V Higt PSRR Voltage Reaulator
XC6219B152MR TECHPUBLIC-XC6219B152MR Datasheet
1Mb / 5P
300mA Higt PSRR Voltage Reaulatoil
XC6219B302MR TECHPUBLIC-XC6219B302MR Datasheet
1Mb / 5P
300mA Higt PSRR Voltage Reaulatoil
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com