Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPNSR05F30NXT5G Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPNSR05F30NXT5G Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPNSR05F30NXT5G
Download  TPNSR05F30NXT5G Download
File Size   619.64 Kbytes
Page   2 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Schottky barrier diode

TPNSR05F30NXT5G Datasheet (PDF)

Go To PDF Page Download Datasheet
TPNSR05F30NXT5G Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPNSR05F30NXT5G
Download  TPNSR05F30NXT5G Click to download

File Size   619.64 Kbytes
Page   2 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Schottky barrier diode

TPNSR05F30NXT5G Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPNSR05F30NXT5G Product details

Features
* Average forward current: Ira) < 1.0A

* Reverse voltage: Va =< 40V

+ Low forward voltage: Vi < 0.6V @1A

* Low reverse current: I < 30pA@40V

+ Leadless ultra small SMD plastic package

+ We declare that the material of product compliance with RoHS
requirements and Halogen Free




Similar Part No. - TPNSR05F30NXT5G

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPNSR05F20NXT5G TECHPUBLIC-TPNSR05F20NXT5G Datasheet
617Kb / 2P
Schottky barrier diode
TPNSR05F40NXT5G TECHPUBLIC-TPNSR05F40NXT5G Datasheet
618Kb / 2P
Schottky barrier diode
More results


Similar Description - TPNSR05F30NXT5G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com