Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4239-KQ Datasheet (PDF) - Cirrus Logic

CS4239-KQ Datasheet PDF - Cirrus Logic
Part # CS4239-KQ
Download  CS4239-KQ Download
File Size   1034.78 Kbytes
Page   98 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description CrystalClear??Portable ISA Audio System

CS4239-KQ Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4239-KQ Datasheet PDF - Cirrus Logic

Part # CS4239-KQ
Download  CS4239-KQ Click to download

File Size   1034.78 Kbytes
Page   98 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description CrystalClear??Portable ISA Audio System

CS4239-KQ Datasheet (HTML) - Cirrus Logic


CS4239-KQ Product details

DESCRIPTION
The CS4239 is a single chip multimedia audio system that is a pin-compatible upgrade to the CS423xB for many designs. The product includes an integrated FM synthesizer and a Plug-and-Play interface. In addition, the CS4239 includes hardware master volume control pins as well as extensive power management and 3D sound technology. The CS4239 adds a Zoom-Video asynchronous digital serial interface to the industry standard CS423xB. The CS4239 is compatible with the Microsoft® Windows Sound System standard and will run software written to the Sound Blaster and Sound Blaster Pro interfaces. The CS4239 is fully compliant with Microsoft’s PC ’97 and PC ’98 audio requirements.

FEATURES
■ Compatible with Sound Blaster™, Sound Blaster Pro™, and Windows Sound System™
■ Integrated CrystalClear™ 3D Stereo Enhancement
■ Enhanced Stereo Full Duplex Operation
■ Dual Type-F DMA Support
■ Industry Leading Delta-Sigma Data Converters (86 dB FS A)
■ Default Internal PnP Resources
■ 3.3 V or 5 V ISA Bus Operation
■ APM and ACPI Compliant Power Management
■ Asynchronous Digital Serial Interface (ZVPORT)
■ CS4610 Audio Accelerator Interface
■ CS9236 Wavetable Interface
■ CS4236B/CS4237B/CS4238B Register Compatible




Similar Part No. - CS4239-KQ

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results


Similar Description - CS4239-KQ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4205 CIRRUS-CS4205 Datasheet
1Mb / 80P
CrystalClear Audio Codec 97 with Portable Computing
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
CS4281 CIRRUS-CS4281 Datasheet
549Kb / 36P
CrystalClear PCI Audio interface
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
CrystalClear SoundFusion Audio Codec 97
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4630 CIRRUS-CS4630 Datasheet
526Kb / 38P
CrystalClear SoundFusion PCI Audio Accelerator
CS4614 CIRRUS-CS4614 Datasheet
221Kb / 24P
CrystalClear SoundFusion PCI Audio Accelerator
CS4237B CIRRUS-CS4237B Datasheet
1Mb / 114P
CrystalClear Advanced Audio System with 3D Sound
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
CrystalClear SoundFusion Audio Codec 97
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com