Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet (PDF) - Cirrus Logic

CS42324 Datasheet PDF - Cirrus Logic
Part # CS42324
Download  CS42324 Download
File Size   1225.69 Kbytes
Page   71 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 10-In, 6-Out, 2 Vrms Audio CODEC

CS42324 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS42324 Datasheet PDF - Cirrus Logic

Part # CS42324
Download  CS42324 Click to download

File Size   1225.69 Kbytes
Page   71 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 10-In, 6-Out, 2 Vrms Audio CODEC

CS42324 Datasheet (HTML) - Cirrus Logic


CS42324 Product details

General Description

The CS42324 is a highly integrated stereo audio CODEC. The CS42324 performs stereo analog-to-digital (A/D) and up to four channels of digital-to-analog (D/A) conversion of up to 24-bit serial values at sample rates up to 96 kHz.



A 5:1 stereo input multiplexer is included for selecting between line-level inputs. The output of the input multiplexer is followed by an advanced 3rd-order, multi-bit delta-sigma modulator and digital filtering/decimation. Sampled data is transmitted by the serial audio interface at rates from 4 kHz to 96 kHz, in either Slave or Master Mode.



System Features

Direct Interface with 1.8 V to 3.3 V Logic Levels

Supports Asynchronous Serial Port Operation

– Two Independent Clock Domains

– ADC, DAC1, and DAC2 can be Independently Assigned to the Two Clock Domains

– Each Serial Port Supports Master or Slave Operation

Internal Digital Loopback

+3.3 V Analog Power Supply

+3.3 V Digital Power Supply

+9 V to +12 V High-Voltage Power Supply

Hardware or Software Mode Configuration

– Supports I²C® and SPI™Software Interface




Similar Part No. - CS42324

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
CS42325-CQZ CIRRUS-CS42325-CQZ Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
CS42325-DQZ CIRRUS-CS42325-DQZ Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
More results


Similar Description - CS42324

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42406 CIRRUS-CS42406 Datasheet
986Kb / 50P
24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
CS42436 CIRRUS-CS42436 Datasheet
1Mb / 66P
108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
108 dB, 192 kHz 6-in, 8-out CODEC
CS42436 CIRRUS-CS42436_06 Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
CS42436 CIRRUS-CS42436_07 Datasheet
1Mb / 61P
108 dB, 192 kHz 6-In, 6-Out TDM CODEC
CS42448 CIRRUS-CS42448_07 Datasheet
1Mb / 64P
108 dB, 192 kHz 6-In, 8-Out CODEC
CS4207 CIRRUS-CS4207 Datasheet
819Kb / 144P
Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
logo
Asahi Kasei Microsystem...
AK4753 AKM-AK4753 Datasheet
981Kb / 85P
2-in, 4-out CODEC with DSP Functions
logo
Cirrus Logic
CS4207-CNZ CIRRUS-CS4207-CNZ Datasheet
923Kb / 148P
Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com